Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE507A33BM+ Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE507A33BM+
Description  Precise Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE507A33BM+ Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE507A33BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE507A33BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE507A33BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE507A33BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE507A33BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE507A33BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE507A33BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE507A33BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE507A33BM+ Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
                                                                                                                  
ACE507A
                        Technology
Precise Low Dropout Voltage Regulator
 
VER 1.6
Description
The ACE507A series are precise, low power consumption, positive voltage regulators manufactured
using CMOS and laser trimming technologies. The series provides large currents with a significantly small
dropout voltage. The ACE507A consists of a current limit circuit, a driver transistor a precision reference
voltage and an error correction circuit. The series is compatible with low ESR ceramic capacitors. The
current limiter’s foldback circuit also operates as a short protect for the output current limiter and the
output pin. Output voltage can be set internally by laser trimming technologies. It is selectable in 100mV
Increments with a range of 1.2V to 5.0V. SOT-89-3 and SOT-23-3 packages are available.
Features
Output Voltage selectable in 100mV steps (1.2V to 5.0V)
Highly Accurate
Low Dropout Voltage
Low Power Consumption
Internal current limiting and short protecting
Small packages
Application
Battery Powered equipment
Cameras, Video cameras
Reference Voltage Source
Mobile phones
Communication tools
Functional Block Diagram


Similar Part No. - ACE507A33BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE507A33BM+H ACE-ACE507A33BM+H Datasheet
557Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.7
More results

Similar Description - ACE507A33BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE507A ACE-ACE507A_14 Datasheet
639Kb / 8P
   Precise Low Dropout Voltage Regulator
VER 2.0
ACE507A ACE-ACE507A_11 Datasheet
557Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.7
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com