Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50249BM+ Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE50249BM+
Description  400mA CMOS Low Dropout Voltage Low consumption Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50249BM+ Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE50249BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50249BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50249BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50249BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50249BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50249BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50249BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50249BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50249BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 
                                                                                                                     
ACE502
                        Technology
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
5
ACE502-3.3V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
8
V
Output Voltage
VOUT
VIN=VOUT+1.0V,IOUT=40mA
3.234
3.3
3.366
V
Maximum Output Current
IOUT(Max.)
VIN=VOUT+1.0V,VOUT>3.3*0.95
400
mA
IOUT=100Ma
200
400
Input-Output Voltage
Differential
Dropout
Voltage
IOUT=200mA
400
600
mV
Line Regulation
ΔVOUT /
ΔVIN•VOUT
IOUT=40mA
3.5≦VIN≦8A
0.2
0.3
%/V
Load Regulation
ΔVOUT
VIN=4.3V
1mA≦IOUT≦100mA
20
40
mA
Quiescent Current
Iq
VIN=VOUT+1V
7
10
uA
Output Noise
Noise
f=10Hz to 100kHz,
COUT=1μF
40
uVrms
Ripple Rejection
PSRR
f=100Hz,IOUT=40mA,
COUT=1μF
60
dB
Output Voltage
Temperature Coefficient
ΔVOUT /
ΔT•VOUT
50
ppm/℃
Typical Application Circuit
ACE502
Vin
Vin
Vout
Vout
GND
+
1uF
+
1uF
Cin
Cout
Application hints:
Note 1:Input capacitor (Cin=1uF) is recommended in all application circuit. Tantalum capacitor is recommended.
Note 2:Output capacitor (Cout=1uF) is recommended in all application to assure the stability of circuit. Tantalum
capacitor is recommended. 
Explanation:
ACE502 is a series of low dropout voltage and low power consumption three pins regulator. Its
application circuit is very simple, which only needs two outside capacitors. It is composed of these
modules: high accuracy voltage reference, current limit circuit, error amplifier, output driver and power
transistor.
Current Limit module can keep chip and power system away from danger when load current is more
than 400mA.
ACE502 uses trimming technique to assure the accuracy of output value within±2%, at the same time,
temperature compensated is elaborately considered in this chip, which makes ACE502 ’s temperature
coefficient within 50ppm/℃.


Similar Part No. - ACE50249BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5024D ACE-ACE5024D Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VAMAH ACE-ACE5024D1.05VAMAH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VAMBH ACE-ACE5024D1.05VAMBH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VANH ACE-ACE5024D1.05VANH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VBMAH ACE-ACE5024D1.05VBMAH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
More results

Similar Description - ACE50249BM+

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8553 BELLING-BL8553 Datasheet
1Mb / 13P
   400mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com