Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82789C0104H002 Datasheet(PDF) 5 Page - EPCOS

Part # B82789C0104H002
Description  Data and signal line chokes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82789C0104H002 Datasheet(HTML) 5 Page - EPCOS

  B82789C0104H002 Datasheet HTML 1Page - EPCOS B82789C0104H002 Datasheet HTML 2Page - EPCOS B82789C0104H002 Datasheet HTML 3Page - EPCOS B82789C0104H002 Datasheet HTML 4Page - EPCOS B82789C0104H002 Datasheet HTML 5Page - EPCOS B82789C0104H002 Datasheet HTML 6Page - EPCOS B82789C0104H002 Datasheet HTML 7Page - EPCOS B82789C0104H002 Datasheet HTML 8Page - EPCOS B82789C0104H002 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Rated voltage VR
42 V AC (50/60 Hz) / 80 V DC
Test voltage Vtest
250 V DC, 2 s (line/line)
Rated temperature TR
85 °C / 110 °C
Rated current IR
Referred to 50 Hz and rated temperature
Rated inductance LR
Measured with Agilent 4284A at 100 kHz, 0.1 mA, 20 °C
Inductance is specified per winding.
Inductance tolerance
–30/+50% at 20 °C
Inductance decrease
ΔL/L
0
Common mode < 10% at DC magnetic bias with IR, 20 °C
Stray inductance Lstray,typ
Measured with Agilent 4284A at 100 kHz, 5 mA, 20 °C,
typical values
DC resistance Rmax
Measured at 20 °C, specified per winding
Solderability (lead-free)
Dip and look method Sn95.5Ag3.8Cu0.7: (245
±5) °C, (3 ±0.3) s
Wetting of soldering area
≥ 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
260 °C, 40 s as referenced in JEDEC J-STD 020C
Climatic category
55/125/56 (B82789*N)
55/150/56 (B82789*H)
(to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +125 °C (B82789C0/S0*N)
–55 °C … +150 °C (B82789C0/S0*H)
Packaged: –25 °C … +40 °C,
≤ 75% RH
Weight
Approx. 0.16 g
B82789C0/S0
Data and signal line chokes
SIMDAD 1812, common-mode chokes


Similar Part No. - B82789C0104H002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82789C0104H002 EPCOS-B82789C0104H002 Datasheet
205Kb / 11P
   SIMDAD 1812, common-mode chokes
B82789C0104H002 EPCOS-B82789C0104H002 Datasheet
205Kb / 11P
   Data and signal line chokes
More results

Similar Description - B82789C0104H002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
   Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
   Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
   Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
B82788C0113H052 EPCOS-B82788C0113H052 Datasheet
186Kb / 9P
   Data and signal line chokes
B82792C2474N315 EPCOS-B82792C2474N315_08 Datasheet
196Kb / 8P
   Data and signal line chokes
B82791G0015A017 EPCOS-B82791G0015A017 Datasheet
156Kb / 6P
   Data and signal line chokes
B82790C474N215 EPCOS-B82790C474N215 Datasheet
260Kb / 11P
   Data and signal line chokes
B82789C223N2 EPCOS-B82789C223N2 Datasheet
205Kb / 11P
   Data and signal line chokes
B82720K2301N042 EPCOS-B82720K2301N042 Datasheet
111Kb / 6P
   Data and signal line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com