Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50252BM+ Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE50252BM+
Description  400mA CMOS Low Dropout Voltage Low consumption Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50252BM+ Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE50252BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50252BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50252BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50252BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50252BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50252BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50252BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50252BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE50252BM+ Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
 
                                                                                                                     
ACE502
                        Technology
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
6
Typical Performance Characteristics
1. Load regulation
VOUT=1.8V Load regulation (VIN=2.8V)
VOUT=2V Load regulation (VIN=3V)
Output Voltage vs. Output Current
Output Voltage vs. Output Current
VOUT=1.8V
VOUT=2V
IOUT (mA)
IOUT (mA)
VOUT=3.3V Load regulation (VIN=4.3V)
VOUT=5V Load regulation (VIN=6V)
Output Voltage vs. Output Current
Output Voltage vs. Output Current
VOUT=3.3V
VOUT=5V
IOUT (mA)
IOUT (mA)
2. Line Regulation
VOUT=1.8V Line regulation (IOUT=40mA)
VOUT=2.0V Line regulation (IOUT=40mA)
Line regulation (VOUT=1.8V)
Line regulation (VOUT=2V)
VIN (V)
VIN (V)
 
 


Similar Part No. - ACE50252BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5022AE ACE-ACE5022AE Datasheet
725Kb / 7P
   Dual N-Channel Enhancement Mode MOSFET
VER 1.1
ACE5022AEKG+H ACE-ACE5022AEKG+H Datasheet
725Kb / 7P
   Dual N-Channel Enhancement Mode MOSFET
VER 1.1
ACE5023T ACE-ACE5023T Datasheet
190Kb / 3P
   Low Noise, High PSRR, High Speed, CMOS LDO
VER 1.3
ACE5024D ACE-ACE5024D Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VAMAH ACE-ACE5024D1.05VAMAH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
More results

Similar Description - ACE50252BM+

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8553 BELLING-BL8553 Datasheet
1Mb / 13P
   400mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com