Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50155BM+ Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE50155BM+
Description  250mA CMOS Low Dropout Voltage Low consumption Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50155BM+ Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE50155BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50155BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50155BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50155BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50155BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50155BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50155BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50155BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50155BM+ Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
                                                                                                                     
ACE501
                        Technology
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
4
ACE501-3.0
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
8
V
Output Voltage
VOUT
2.94
3.0
3.06
V
Maximum Output Current
IOUT(Max.)
VIN=4V, VOUT>2.94
250
mA
IOUT=100mA
170
300
Input-Output Voltage
Differential
Dropout
Voltage
IOUT=200mA
320
500
mV
Line Regulation
ΔVOUT /
ΔVIN‧VOUT
IOUT=40mA
3.2V≦VIN≦8A
0.2
0.3
%/V
Load Regulation
ΔVOUT
VIN=4.0V
1mA≦IOUT≦100mA
20
40
mV
Quiescent Current
Iq
VIN=4V
1.5
uA
Output Voltage Temperature
Coefficient
ΔVOUT /
ΔT‧VOUT
IOUT=10mA
50
ppm/℃
Typical Application Circuit
ACE501
Vin
Vin
Vout
Vout
GND
+
1uF
+
1uF
Cin
Cout
Application hints:
Note 1:Input capacitor (Cin=1uF) is recommended in all application circuit. Tantalum capacitor is recommended.
Note 2:Output capacitor (Cout=1uF) is recommended in all application to assure the stability of circuit. Tantalum
capacitor is recommended.
 
Explanation:
ACE501 is a series of low dropout voltage and low power consumption three pins regulator. Its
application circuit is very simple, which only needs two outside capacitors. It is composed of these
modules: high accuracy voltage reference, current limit circuit, error amplifier, output driver and power
transistor.
Current Limit module can keep chip and power system away from danger when load current is more
than 250mA.
ACE501 uses trimming technique to assure the accuracy of output value within±2%, at the same time,
temperature compensated is elaborately considered in this chip, which makes ACE501’s temperature
coefficient within 50ppm/℃.


Similar Part No. - ACE50155BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50155BM+H ACE-ACE50155BM+H Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
More results

Similar Description - ACE50155BM+

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
AiT Semiconductor Inc.
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
   250mA CMOS Low consumption Linear Regulator
VER 1.4
ACE575D ACE-ACE575D Datasheet
591Kb / 12P
   36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com