Part Name
         Description
1PS66SB82

 15 V, 30 mA low Cd Schottky barrier diodes ( 10 Page)


PHILIPS
100% 
Zoom Out Zoom In
 
 3 page
background image
1PS66SB82_1PS88SB82_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 13 January 2010
3 of 10
NXP Semiconductors
1PS66SB82; 1PS88SB82
15 V, 30 mA low Cd Schottky barrier diodes
6.
Thermal characteristics
[1]
For Schottky barrier diodes thermal run-away has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses. Nomograms for determining the reverse
power losses PR and IF(AV) rating will be available on request.
[2]
Refer to SOT666 standard mounting conditions.
[3]
Reflow soldering is the only recommended soldering method.
[4]
Refer to SOT363 (SC-88) standard mounting conditions.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT666
[2][3] --700
K/W
SOT363
[3][4] --416
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 1 mA
-
-
340
mV
IF = 30 mA
-
-
700
mV
IR
reverse current
VR = 1 V; see Figure 2
--
0.2
μA
rdif
differential
resistance
IF = 5 mA; f = 1 kHz;
-12
-
Ω
Cd
diode
capacitance
VR = 0 V; f = 1 MHz;
-1
-
pF
1  2  3  4  5  6  7  8  9  10 




Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl