Part Name
         Description
ACT108-600E

 AC Thyristor power switch ( 12 Page)


PHILIPS
100% 
Zoom Out Zoom In
 6 page
background image
ACT108-600E_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 October 2009
6 of 12
NXP Semiconductors
ACT108-600E
AC Thyristor power switch
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IGT
gate trigger current
VD =12V; IT = 100 mA; LD+ G-;
Tj =25°C; see Figure 6
1-
10
mA
VD =12V; IT = 100 mA; LD- G-; Tj =25°C
1
-
10
mA
IL
latching current
VD =12V; IG =12mA; Tj =25 °C;
--30
mA
IH
holding current
VD =12V; Tj =25 °C; see Figure 8
-9
25
mA
VT
on-state voltage
IT = 1.1 A; see Figure 9
--1.3
V
VGT
gate trigger voltage
VD =600 V; IT = 100 mA; Tj ≤ 125 °C
0.15
-
-
V
VD =600 V; IT = 100 mA; Tj = 25 °C
--1
V
ID
off-state current
VD =600 V; Tj ≤ 125 °C
-
-
0.2
mA
VD =600 V; Tj ≤ 25 °C
--2
µA
dVD/dt
rate of rise of off-state
voltage
VDM =402 V; Tj = 125 °C; gate open
circuit; see Figure 10
1000
-
-
V/µs
dIcom/dt
rate of change of
commutating current
VD =400 V; Tj = 125 °C; IT(RMS) =1A;
dVcom/dt = 15 V/µs; gate open circuit;
0.3
-
-
A/ms
VCL
clamping voltage
ICL = 100 mA; tp =1ms; Tj ≤ 125 °C;
650
-
-
V
Fig 6.
Normalized gate trigger current as a function of
junction temperature
Fig 7.
Normalized latching current as a function of
junction temperature
IGT
IGT(25°C)
Tj (°C)
−50
0
150
100
50
1
2
3
0
003aac809
(1)
(2)
(1)
(2)
Tj (°C)
−50
150
100
050
003aac811
1
2
3
0
IL
IL(25°C)
1  2  3  4  5  6  7  8  9  10  11  12 




Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl