Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFB0807-471L Datasheet(PDF) 4 Page - Coilcraft lnc.

Part # RFB0807-471L
Description  Power Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

RFB0807-471L Datasheet(HTML) 4 Page - Coilcraft lnc.

  RFB0807-471L Datasheet HTML 1Page - Coilcraft lnc. RFB0807-471L Datasheet HTML 2Page - Coilcraft lnc. RFB0807-471L Datasheet HTML 3Page - Coilcraft lnc. RFB0807-471L Datasheet HTML 4Page - Coilcraft lnc. RFB0807-471L Datasheet HTML 5Page - Coilcraft lnc. RFB0807-471L Datasheet HTML 6Page - Coilcraft lnc. RFB0807-471L Datasheet HTML 7Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 277-4
Document 277-4
Revised 10/22/09
PowerInductors–RFB0810Series
Part
Inductance1
DCR max
SRFtyp2
Isat3
Irms(A)4
number
±10%
(Ohms)
(MHz)
(A)
20°C rise
40°C rise
RFB0810-100L
10 µH
0.030
22
4.20
4.00
5.30
RFB0810-120L
12 µH
0.035
20
3.90
3.75
5.10
RFB0810-150L
15 µH
0.040
17
3.60
3.52
4.80
RFB0810-180L
18 µH
0.040
15
3.30
3.30
4.50
RFB0810-220L
22 µH
0.050
12
2.90
3.20
4.20
RFB0810-270L
27 µH
0.055
12
2.60
2.87
3.90
RFB0810-330L
33 µH
0.075
11
2.40
2.65
3.60
RFB0810-390L
39 µH
0.085
10.3
2.20
2.44
3.30
RFB0810-470L
47 µH
0.100
9.5
2.00
2.22
3.00
RFB0810-560L
56 µH
0.120
8.6
1.80
2.00
2.70
RFB0810-680L
68 µH
0.150
7.5
1.60
1.77
2.40
RFB0810-820L
82 µH
0.190
6.6
1.50
1.54
2.10
RFB0810-101L
100 µH
0.200
5.5
1.40
1.30
1.80
RFB0810-121L
120 µH
0.240
5.3
1.20
1.22
1.70
RFB0810-151L
150 µH
0.340
4.5
1.10
1.14
1.60
RFB0810-181L
180 µH
0.360
4.4
1.00
1.06
1.50
RFB0810-221L
220 µH
0.480
4.4
0.92
0.98
1.40
RFB0810-271L
270 µH
0.550
4.0
0.84
0.90
1.30
RFB0810-331L
330 µH
0.650
3.5
0.75
0.82
1.10
RFB0810-391L
390 µH
0.850
3.0
0.70
0.85
1.00
RFB0810-471L
470 µH
1.00
2.5
0.63
0.67
0.90
RFB0810-561L
560 µH
1.10
2.3
0.58
0.59
0.80
RFB0810-681L
680 µH
1.40
2.0
0.52
0.51
0.70
RFB0810-821L
820 µH
1.90
2.0
0.48
0.43
0.60
RFB0810-102L
1.0 mH
2.20
2.0
0.43
0.35
0.50
RFB0810-122L
1.2 mH
2.80
1.6
0.40
0.33
0.47
RFB0810-152L
1.5 mH
3.20
1.3
0.35
0.31
0.45
RFB0810-182L
1.8 mH
3.60
1.3
0.32
0.29
0.42
RFB0810-222L
2.2 mH
4.80
1.3
0.29
0.27
0.39
RFB0810-272L
2.7 mH
5.60
1.2
0.26
0.25
0.36
RFB0810-332L
3.3 mH
7.60
1.0
0.24
0.23
0.33
RFB0810-392L
3.9 mH
8.90
0.9
0.22
0.21
0.31
RFB0810-472L
4.7 mH
9.60
0.9
0.20
0.20
0.28
RFB0810-562L
5.6 mH
12.0
0.8
0.18
0.18
0.25
RFB0810-682L
6.8 mH
14.0
0.7
0.16
0.16
0.23
RFB0810-822L
8.2 mH
17.5
0.6
0.15
0.14
0.20
RFB0810-103L
10 mH
21
0.6
0.13
0.12
0.17
RFB0810-123L
12 mH
28
0.5
0.12
0.11
0.15
RFB0810-153L
15 mH
32
0.5
0.11
0.10
0.14
RFB0810-183L
18 mH
36
0.4
0.10
0.09
0.12
1. When ordering, please specify termination code:
RFB0810-183
L
Termination: L = Tin-silver over tin over copper over steel.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or S = non-RoHS tin-lead (63/37).
To order parts packaged in fanfold tape (800 parts per box), add the letter “F” at the end of the part number.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A LCR-meter or equivalent.
3. SRF measured using Agilent/HP 4191A or equilvalent.
4. DC current at which the inductance drops 10% (typ) from its value without current.
5. Current that causes a 40°C temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.


Similar Part No. - RFB0807-471L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
RFB0807-471L COILCRAFT-RFB0807-471L Datasheet
236Kb / 4P
   Low cost, high current power inductors 2.2 關H to 18 mH inductance range
More results

Similar Description - RFB0807-471L

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com