Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-3132G2-00A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCE-3132G2-00A1E
Description  Socket M Intel짰 Core??2 Duo Half-size SHB with PCIe/VGA/LVDS/Dual GbE LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-3132G2-00A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCE-3132G2-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCE-3132G2-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
PCE-3132
Ordering Information
Part Number
VGA
GbE LAN
USB
PCE-3132VG-00A1E
Yes
Single
4
PCE-3132G2-00A1E
Yes
Dual
4
Packing List
Part Number
Description
Quantity
1700008887
USB cable with 4 ports (2.0 mm pitch)
x 1
1700002223
Parallel port cable (2.0 mm) with bracket x 1
1700003194
Serial ATA HDD data cable
x 2
1703150102
Serial ATA HDD power cable
x 1
1700008762
Dual-COM port cable kit (2.0mm pitch)
with bracket
x 2
9689000002
Jumper pack
x 1
1700060202
Y cable for PS/2 Keyboard&Mouse
x 1
-
Startup manual
x 1
-
Utility CD
x 1
1750000348
CPU cooler
x 1
Accessories
Part Number
Description
IPC-644BP-15ZE
4-slot chassis w/150W power supply
IPC-6806SB-15ZBE
6-slot chassis w/150W power supply
PCA-AUDIO-HDA1E
HD Audio-card
PCA-SATAP2-00A1E
IDE/SATA Adapter for CPU cards
Socket M Intel Core 2
Duo/ Core Duo/
Celeron M
Intel 945GME
GMCH
DDR2 SDRAM
SODIMM 400/533/667
G-LAN1:
Intel 82574L
Super IO
Winbond W83627UHG
DDR2 SDRAM
SODIMM 400/533/667
CRT
LVDS Connector
CF Card
2 SATA ports
4 USB Ports
Audio Conn.
BIOS
3 RS-232
1 RS232/422/485
PS2
PCIe x16
(Connector A & B)
ICH7M-DH
VGA
PCIe x16 SDVO
PATA
150MB/s
USB 2.0/1.1
HD Audio
SPI
LPC Bus
Channel A
Channel B
PCIe x1
G-LAN1:
Intel 82574L
PCIe x1
PCIe x1
PCIe x1
PCIe x1
PCIe x1
LVDS
Connector A


Similar Part No. - PCE-3132G2-00A1E

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-313A PCE-PCE-313A Datasheet
74Kb / 2P
   Technical HVAC Meter PCE-313A
PCE-313S PCE-PCE-313S Datasheet
250Kb / 2P
   Hygrometer PCE-313 S
More results

Similar Description - PCE-3132G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5020 ADVANTECH-PCE-5020 Datasheet
368Kb / 2P
   LGA775 Intel짰 Core??2 Duo SHB with VGA/Dual GbE
PCE-5130 ADVANTECH-PCE-5130 Datasheet
1Mb / 2P
   Socket M Mobile Intel짰 Core??2 Duo SHB with VGA/LVDS/Dual GbEs
PCE-5020 ADVANTECH-PCE-5020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo SHB with VGA/Dual GbE
PCE-3026G2-00A1E ADVANTECH-PCE-3026G2-00A1E Datasheet
752Kb / 2P
   LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCE-3026G2-00A1E ADVANTECH-PCE-3026G2-00A1E Datasheet
752Kb / 2P
   LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCE-3026 ADVANTECH-PCE-3026 Datasheet
2Mb / 2P
   LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCE-3026 ADVANTECH-PCE-3026_13 Datasheet
382Kb / 2P
   LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCE-3028G2-00A1E ADVANTECH-PCE-3028G2-00A1E Datasheet
856Kb / 2P
   LGA 1150 4th Generation Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCM-9590 ADVANTECH-PCM-9590 Datasheet
377Kb / 2P
   Intel짰 Core??2 Duo EBX SBC with VGA/ LVDS /Dual GbE LAN/ Audio/ PCI-104
1-July-2009
PCI-7020 ADVANTECH-PCI-7020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo PCI Half-size SBC with VGA/GbE LAN/SATA and SSD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com