Part Name
         Description
ADC1413D065

 Dual 14 bits ADC; 65, 80, 105 or 125 Msps; serial JESD204A interface ( 38 Page)


NXP
100% 
Zoom Out Zoom In
 6 page
background image
ADC1413D065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
6 of 38
NXP Semiconductors
ADC1413D065/080/105/125
Dual 14 bits ADC; 65, 80, 105 or 125 Msps
7.
Limiting values
[1]
The supply voltage VDDA may have any value between −0.5 V and +7.0 V provided that the supply voltage
differences
∆VCC are respected.
[2]
The supply voltage VDDD may have any value between −0.5 V and +5.0 V provided that the supply voltage
differences
∆VCC are respected.
8.
Thermal characteristics
[1]
In compliance with JEDEC test board, in free air.
[2]
Value for 4 layers and 36 vias.
9.
Static characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply voltage
[1] 2.85
3.6
V
VDDD
digital supply voltage
[2] 1.65
1.95
V
∆VCC
supply voltage difference
VDDA − VDDD
<tbd>
<tbd>
V
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
125
°C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
K/W
Rth(j-c)
thermal resistance from junction to case
[1] <tbd>
K/W
Table 5.
Characteristics
Typical values measured at VDDA =3V, VDDD = 1.8 V, Tamb =25 °C and CL = 5 pF.
Min. and max. values are across the full temperature range Tamb = −40 °C to +85 °C at VDDA = 3 V, VDDD = 1.8 V;
Vi (INAP, INBP) − Vi (INAM, INBM) = −1 dBFS; internal reference mode; 100 Ω differential applied to serial outputs; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
2.85
3.0
3.4
V
VDDD
digital supply voltage
1.65
1.8
3.6
V
IDDA
analog supply current
fclk = 125 Msample/s;
fi =70 MHz
-
343
-
mA
IDDD
digital supply current
fclk = 125 Msample/s;
fi =70MHz
-
150
-
mA
Ptot
total power dissipation
fclk = 125 Msample/s
-
1270
-
mW
fclk = 105 Msample/s
-
1150
-
mW
fclk = 80 Msample/s
-
995
-
mW
fclk = 65 Msample/s
-
885
-
mW
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 




Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl