Part Name
         Description
ADC1413D065

 Dual 14 bits ADC; 65, 80, 105 or 125 Msps; serial JESD204A interface ( 38 Page)


NXP
100% 
Zoom Out Zoom In
 
 1 page
background image
1.
General description
The ADC1413D is a dual channel 14-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performances and low power at sample rates up to 125 Msps. Pipelined
architecture and output error correction ensure the ADC1413D is accurate enough to
guarantee zero missing codes over the entire operating range. Supplied from a 3.3 V
source for analog and a 1.8 V source for the output driver, it has two serial outputs,
because of the two lanes of differential outputs, which are compliant with the JESD204A
standard. An integrated SPI (Serial Peripheral Interface) allows the user to easily
configure the ADC. A set of IC configurations is also available via the binary level control
pins taken, which are used at power-up. The device also includes a programmable gain
amplifier with flexible input voltage range.
Excellent dynamic performance is maintained from the baseband to input frequencies of
170 MHz or more, making the ADC1413D ideal for use in communications, imaging and
medical applications.
2.
Features
3.
Applications
ADC1413D065/080/105/125
Dual 14 bits ADC; 65, 80, 105 or 125 Msps; serial JESD204A
interface
Rev. 02 — 4 June 2009
Objective data sheet
I SNR, 73 dB
I Input bandwidth, 600 MHz
I SFDR, 90 dBc
I Power dissipation, 995 mW at 80 Msps
I Sample rate up to 125 Msps
I SPI interface
I Dual channel 14-bit pipelined ADC core I Duty cycle stabilizer
I 3.3 V, 1.8 V single supplies
I High IF capability
I Flexible input voltage range:
1 V (p-p) to 2 V (p-p) with 6 dB
programmable fine gain
I Offset binary, 2’s complement, gray
code
I 2 configurable serial outputs
I Power-down and Sleep modes
I Compliant with JESD204A serial
transmission standard
I HVQFN56 package
I INL ± 1 LSB; DNL ± 0.5 LSB
I Wireless and wired broadband communications
I Spectral analysis
I Portable instrumentation
I Ultrasound equipment
I Imaging systems
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 




Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl