Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1413D105C1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ADC1413D105C1
Description  Dual 14 bits ADC; 65, 80, 105 or 125 Msps; serial JESD204A interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D105C1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ADC1413D105C1 Datasheet HTML 4Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 5Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 6Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 7Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 8Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 9Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 10Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 11Page - NXP Semiconductors ADC1413D105C1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
ADC1413D065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
8 of 38
NXP Semiconductors
ADC1413D065/080/105/125
Dual 14 bits ADC; 65, 80, 105 or 125 Msps
Reference voltage input/output: pin VREF
VVREF
voltage on pin VREF
output
-
0.5 to 1
-
V
input
0.5
-
1
V
Reference mode selection: pin SENSE
VSENSE
voltage on pin SENSE
-
pin AGND;
VVREF; VDDA
-V
Data outputs: CMLPA, CMLNA
Output levels, VDDD = 1.8 V {Swing_2, Swing_1, Swing_0} = {0,0,0}
VOL
LOW-level output
voltage
DC coupled; output
-
1.5
-
V
AC coupled
-
1.65
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.35
-
V
Output levels, VDDD = 1.8 V. {Swing_2, Swing_1, Swing_0}= {0,0,1}
VOL
LOW-level output
voltage
DC coupled; output
-
1.45
-
V
AC coupled
-
1.625
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.275
-
V
Output levels, VDDD = 1.8 V {Swing_2, Swing_1, swing_0} = {0,1,0}
VOL
LOW-level output
voltage
DC coupled; output
-
1.4
-
V
AC coupled
-
1.6
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.2
-
V
Output levels, VDDD = 1.8 V {Swing_2, Swing_1, Swing_0} = {0,1,1}
VOL
LOW-level output
voltage
DC coupled; output
-
1.35
-
V
AC coupled
-
1.575
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.125
-
V
Output levels, VDDD = 1.8 V {Swing_2, Swing_1,Swing_0} = {1,0,0}
VOL
LOW-level output
voltage
DC coupled; output
-
1.3
-
V
AC coupled
-
1.55
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.05
-
V
Serial configuration: SYNC_P, SYNC_N
VIL
LOW-level input voltage
Differential; input
-
0.95
-
V
VIH
High-level input voltage
Differential; input
-
1.47
-
V
Accuracy
INL
integral non-linearity
−5
±1
+5
LSB
Table 5.
Characteristics …continued
Typical values measured at VDDA =3V, VDDD = 1.8 V, Tamb =25 °C and CL = 5 pF.
Min. and max. values are across the full temperature range Tamb = −40 °C to +85 °C at VDDA = 3 V, VDDD = 1.8 V;
Vi (INAP, INBP) − Vi (INAM, INBM) = −1 dBFS; internal reference mode; 100 Ω differential applied to serial outputs; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - ADC1413D105C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413D105C1 NXP-ADC1413D105C1 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
More results

Similar Description - ADC1413D105C1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com