Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1413D080C1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ADC1413D080C1
Description  Dual 14 bits ADC; 65, 80, 105 or 125 Msps; serial JESD204A interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D080C1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ADC1413D080C1 Datasheet HTML 3Page - NXP Semiconductors ADC1413D080C1 Datasheet HTML 4Page - NXP Semiconductors ADC1413D080C1 Datasheet HTML 5Page - NXP Semiconductors ADC1413D080C1 Datasheet HTML 6Page - NXP Semiconductors ADC1413D080C1 Datasheet HTML 7Page - NXP Semiconductors ADC1413D080C1 Datasheet HTML 8Page - NXP Semiconductors ADC1413D080C1 Datasheet HTML 9Page - NXP Semiconductors ADC1413D080C1 Datasheet HTML 10Page - NXP Semiconductors ADC1413D080C1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ADC1413D065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
7 of 38
NXP Semiconductors
ADC1413D065/080/105/125
Dual 14 bits ADC; 65, 80, 105 or 125 Msps
P
power dissipation
power-down mode
-
30
-
mW
standby mode
-
200
-
mW
Digital inputs
Clock inputs: pins CLKP and CLKM, AC coupled
LVPECL, LVDS and Sinewave modes compatible
Vi(clk)dif
differential clock input
voltage
peak-to-peak
0.2
0.8
<tbd>
V (p-p)
LVCMOS mode
VI
input voltage
0.3VDDA
-
0.7VDDA
V
Logic Inputs: Power-down: pin CF 0 to 3, pin scrambler, Swing_0, Swing_1
VIL
LOW-level input voltage
-
0
-
V
VIH
HIGH-level input voltage
-
0.66VDDD
-V
IIL
LOW-level input current
−6-
+6
µA
IIH
HIGH-level input current
−30
-
+30
µA
Serial Peripheral Interface: pin CSB, SDIO, SCLK, pin DFS, pin DCS
VIL
LOW-level input voltage
0
-
0.3VDDA
V
VIH
HIGH-level input voltage
0.7VDDA
-VDDA
V
IIL
LOW-level input current
−10
-
+10
µA
IIH
HIGH-level input current
−50
-
+50
µA
CI
Input capacitance
-
4
-
pF
Analog inputs: pins INAP and INAM, pins INBP and INBM
II
Input current
−5-
+5
µA
RI
input resistance
-
15
-
CI
input capacitance
-
5
-
pF
VI(cm)
common-mode input
voltage
0.9
1.5
2
V
Bi
input bandwidth
-
600
-
MHz
VI(dif)
differential input voltage
1
-
2
V (p-p)
Voltage controlled regulator output: pin VCMA, VCMB
VO(cm)
common-mode output
voltage
-
0.5VDDA
-V
IO(cm)
common-mode output
current
-
<tbd>
-
µA
Table 5.
Characteristics …continued
Typical values measured at VDDA =3V, VDDD = 1.8 V, Tamb =25 °C and CL = 5 pF.
Min. and max. values are across the full temperature range Tamb = −40 °C to +85 °C at VDDA = 3 V, VDDD = 1.8 V;
Vi (INAP, INBP) − Vi (INAM, INBM) = −1 dBFS; internal reference mode; 100 Ω differential applied to serial outputs; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - ADC1413D080C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413D080C1 NXP-ADC1413D080C1 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
More results

Similar Description - ADC1413D080C1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com