Part Name
         Description
1PS76SB70

 General-purpose Schottky diodes ( 20 Page)


NXP
100% 
Zoom Out Zoom In
 6 page
background image
BAS70_1PS7XSB70_SER_9
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 09 — 13 January 2010
6 of 20
NXP Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
6.
Thermal characteristics
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Soldering point at pins 2, 3, 5 and 6.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT23
-
-
500
K/W
SOT143B
-
-
500
K/W
SOT363 (BAS70-07S)
-
-
416
K/W
SOT666 (BAS70VV)
-
700
K/W
SOT666 (BAS70-07V)
-
416
K/W
SOD123F
-
330
K/W
SOD323
-
-
450
K/W
SOD523
-
450
K/W
SOD882
-
500
K/W
SOT323
-
-
625
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
SOT363 (BAS70XY)
-
260
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF =1mA
-
-
410
mV
IF =10mA
-
-
750
mV
IF =15mA
-
-
1
V
IR
reverse current
VR =50V
-
-
100
nA
VR =70V
-
-
10
μA
Cd
diode capacitance
VR =0V; f=1MHz
-
-
2
pF
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 




Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl