Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50241BNB+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE50241BNB+
Description  400mA CMOS Low Dropout Voltage Low consumption Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50241BNB+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE50241BNB+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50241BNB+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50241BNB+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50241BNB+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50241BNB+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50241BNB+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50241BNB+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50241BNB+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50241BNB+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
 
                                                                                                                     
ACE502
                        Technology
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Max Input voltage
VIN
10
V
Power Dissipation
SOT-23-3
SOT-23-5
SOT-89-3
0.15
0.25
0.5
W
Junction temperature
TJ
125
OC
Storage temperature
TS
- 45 to 150
OC
Ambient Temperature
TA
-40 ~85
OC
Packaging Type
SOT-89-3
SOT-23-3
SOT-23-5
3
5
4
1
2
3
1
2
1
2
3
Pin
SOT-89-3
SOT-23-3
SOT-23-5(A)
SOT-23-5(B)
Function
VIN
2
3
1
3
Supply Voltage Input
VSS
1
1
2
2
Ground
CE
3
4
Enable Pin
NC
4
5
No connect
VOUT
3
2
5
1
Output Voltage
Ordering information
Selection Guide
ACE502 XX XX + H
Pb - free
AM : SOT-89-3
BM: SOT-23-3
BNA: SOT-23-5
BNB: SOT-23-5
Output Voltage: 
1.5V/2.2V…..6.0V
Halogen - free


Similar Part No. - ACE50241BNB+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5024D ACE-ACE5024D Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VAMAH ACE-ACE5024D1.05VAMAH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VAMBH ACE-ACE5024D1.05VAMBH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VANH ACE-ACE5024D1.05VANH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VBMAH ACE-ACE5024D1.05VBMAH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
More results

Similar Description - ACE50241BNB+

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8553 BELLING-BL8553 Datasheet
1Mb / 13P
   400mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com