Part Name
         Description
ARK-3390

 Intel® Core™ 2 Duo Automation Control System with Two Isolated COM Ports and GPIO ( 2 Page)


ADVANTECH
100% 
Zoom Out Zoom In
   
 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Packing List
Part Number
Description
-
1 x ARK-3390 Unit
1700060202
1 x PS2 Keyboard/Mouse Cable
1700009001
1 x 2-pin Phoenix to DC-Jack power cable
-
1 x Utility CD
-
China RoHS
Ordering Information
Part Number
Description
ARK-3390-1S1A1E
Intel Core 2 Duo U7500 1.06 GHz, Compact Embedded
Box IPC
ARK-3390-1S6A1E
Intel Core Duo L2400 1.66 GHz, Compact Embedded
Box IPC
Optional Items
Part Number
Description
1757000222
AC-to-DC Adapter, DC19 V/3.42 A 65 W, with Phoenix
Power Plug, 0 ~ 40° C for Home and Office Use
1700001947
Power cable 2-pin 180 cm, USA for ARK-338X
1700001948
Power cable 2-pin 180 cm, Europe for ARK-338X
1700001949
Power cable 2-pin 180 cm, UK for ARK-338X
1960025333N00N
Bracket vesa mounting for ARK-1000, 3000, 4000 Ni
968EMW0016
Purch 802.11 a/b/g Mini-PCI card
1750003222
802.11b/g 5dBi Dipole Antenna
1700001854
A Wi-Fi internal wire SMA/I-PEX 11CM
ARK-3390
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
3.50
1.50
R2.00
4.00
5.00
8.00
240.00
69.00
69.20
6.00
5.00
3.50
252.50
294.50
R2.50
USB3
USB4
DIO
MIC
LAN2
PWR LED
LINE-OUT
DVI-D
HDD LED
LINE-IN
Power On/Off
USB1
USB2
COM2
COM1 Reset KB/MS VGA USB0
DC Input
COM3
COM4
COM5
COM6
ANTENNA
ANTENNA
LAN1
1  2 




Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl