Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34AA02 Datasheet(PDF) 4 Page - Microchip Technology

Part # 34AA02
Description  2K I2C??Serial EEPROM Software Write-Protect
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02 Datasheet(HTML) 4 Page - Microchip Technology

  34AA02 Datasheet HTML 1Page - Microchip Technology 34AA02 Datasheet HTML 2Page - Microchip Technology 34AA02 Datasheet HTML 3Page - Microchip Technology 34AA02 Datasheet HTML 4Page - Microchip Technology 34AA02 Datasheet HTML 5Page - Microchip Technology 34AA02 Datasheet HTML 6Page - Microchip Technology 34AA02 Datasheet HTML 7Page - Microchip Technology 34AA02 Datasheet HTML 8Page - Microchip Technology 34AA02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
34AA02/34LC02
DS22029E-page 4
 2010 Microchip Technology Inc.
TABLE 1-2:
AC SPECIFICATIONS
AC CHARACTERISTICS
VCC = +1.7V to +5.5V
Industrial (I): TA = -40°C to +85°C
Automotive (E):TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
100
400
1000
kHz
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
2THIGH
Clock high time
4000
600
500
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
3TLOW
Clock low time
4700
1300
500
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
4TR
SDA and SCL rise time (Note 1)
1000
300
300
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
5TF
SDA and SCL fall time (Note 1)
1000
300
300
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
6THD:STA
Start condition hold time
4000
600
250
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
7TSU:STA
Start condition setup time
4700
600
250
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
8THD:DAT
Data input hold time
0
ns
(Note 2)
9TSU:DAT
Data input setup time
250
100
100
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
10
TSU:STO
Stop condition setup time
4000
600
250
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
11
TSU:WP
WP setup time
4000
600
600
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
12
THD:WP
WP hold time
4700
600
600
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
13
TAA
Output valid from clock (Note 2)
3500
900
400
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
14
TBUF
Bus free time: Time the bus must be
free before a new transmission can
start
1300
4700
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  5.5V
2.5V
 VCC  5.5V (34LC02)
16
TSP
Input filter spike suppression
(SDA and SCL pins)
50
ns
All except 34LC02
(Note 1 and Note 3)
17
TWC
Write cycle time (byte or page)
5
ms
18
Endurance
1M
cycles
25°C, VCC = 5.5V, Block mode
(Note 4)
Note
1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the
falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved noise spike suppres-
sion. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult
the Total Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com.


Similar Part No. - 34AA02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34AA02 MICROCHIP-34AA02 Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02 Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I/P MICROCHIP-34AA02-I/P Datasheet
631Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results

Similar Description - 34AA02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
   2K I2C??Serial EEPROM Software Write-Protect
2011
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
24AA52 MICROCHIP-24AA52_05 Datasheet
455Kb / 28P
   2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24AA52 MICROCHIP-24AA52 Datasheet
328Kb / 22P
   2K 2.2V I2C Serial EEPROM with Software Write-Protect
02/17/04
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
   EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com