Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82799C0 Datasheet(PDF) 1 Page - EPCOS

Part # B82799C0
Description  Data and signal line chokes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82799C0 Datasheet(HTML) 1 Page - EPCOS

  B82799C0 Datasheet HTML 1Page - EPCOS B82799C0 Datasheet HTML 2Page - EPCOS B82799C0 Datasheet HTML 3Page - EPCOS B82799C0 Datasheet HTML 4Page - EPCOS B82799C0 Datasheet HTML 5Page - EPCOS B82799C0 Datasheet HTML 6Page - EPCOS B82799C0 Datasheet HTML 7Page - EPCOS B82799C0 Datasheet HTML 8Page - EPCOS B82799C0 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
7f…fÁRspp…
7f…fÁRspp…
© EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
Data and signal line chokes
Common-mode chokes, ring core, EIA 1812
0.011 … 0.47 mH, 200 … 300 mA, 60 °C
Series/Type:
B82799C0/S0
Date:
October 2008


Similar Part No. - B82799C0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B82799C0104N001 ETC-B82799C0104N001 Datasheet
81Kb / 6P
   Chokes for Data and Signal Lines
B82799C0113N001 ETC-B82799C0113N001 Datasheet
81Kb / 6P
   Chokes for Data and Signal Lines
B82799C0224N001 ETC-B82799C0224N001 Datasheet
81Kb / 6P
   Chokes for Data and Signal Lines
B82799C0474N001 ETC-B82799C0474N001 Datasheet
81Kb / 6P
   Chokes for Data and Signal Lines
More results

Similar Description - B82799C0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
   Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
   Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
   Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
B82788C0113H052 EPCOS-B82788C0113H052 Datasheet
186Kb / 9P
   Data and signal line chokes
B82792C2474N315 EPCOS-B82792C2474N315_08 Datasheet
196Kb / 8P
   Data and signal line chokes
B82791G0015A017 EPCOS-B82791G0015A017 Datasheet
156Kb / 6P
   Data and signal line chokes
B82790C474N215 EPCOS-B82790C474N215 Datasheet
260Kb / 11P
   Data and signal line chokes
B82789C223N2 EPCOS-B82789C223N2 Datasheet
205Kb / 11P
   Data and signal line chokes
B82720K2301N042 EPCOS-B82720K2301N042 Datasheet
111Kb / 6P
   Data and signal line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com