Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F1230 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F1230
Description  High-Performance Microcontrollers with 10-bit A/D and nanoWatt Technology
Download  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F1230_09 Datasheet HTML 1Page - Microchip Technology PIC18F1230_09 Datasheet HTML 2Page - Microchip Technology PIC18F1230_09 Datasheet HTML 3Page - Microchip Technology PIC18F1230_09 Datasheet HTML 4Page - Microchip Technology PIC18F1230_09 Datasheet HTML 5Page - Microchip Technology PIC18F1230_09 Datasheet HTML 6Page - Microchip Technology PIC18F1230_09 Datasheet HTML 7Page - Microchip Technology PIC18F1230_09 Datasheet HTML 8Page - Microchip Technology PIC18F1230_09 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 318 page
background image
 2009 Microchip Technology Inc.
DS39758D-page 3
Power-Managed Modes:
• Run: CPU on, peripherals on
• Idle: CPU off, peripherals on
• Sleep: CPU off, peripherals off
• Ultra Low 50 nA Input Leakage
• Run mode currents down to 15
A, typical
• Idle mode currents down to 3.7
A, typical
• Sleep mode current down to 100 nA, typical
• Timer1 Oscillator: 1.8
A, typical; 32 kHz; 2V
• Watchdog Timer (WDT): 1.4
A, typical; 2V
• Two-Speed Oscillator Start-up
14-Bit Power Control PWM Module:
• Up to 6 PWM Channel Outputs
- Complementary or independent outputs
• Edge or Center-Aligned Operation
• Flexible Dead-Band Generator
• Hardware Fault Protection Input
• Simultaneous Update of Duty Cycle and Period:
- Flexible Special Event Trigger output
Flexible Oscillator Structure:
• Four Crystal modes, up to 40 MHz
• 4x Phase Lock Loop (PLL) – Available for Crystal
and Internal Oscillators
• Two External RC modes, up to 4 MHz
- Fast wake-up from Sleep and Idle, 1
s, typical
• Two External Clock modes, up to 40 MHz
• Internal Oscillator Block:
- 8 user-selectable frequencies from 31 kHz
to 8 MHz
- Provides a complete range of clock speeds from
31 kHz to 32 MHz when used with PLL
- User-tunable to compensate for frequency drift
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock stops
Peripheral Highlights:
• High-Current Sink/Source 25 mA/25 mA
• Up to 4 Programmable External Interrupts
• Four Input Change Interrupts
• Enhanced Addressable USART module:
- Supports RS-485, RS-232 and LIN/J2602
- RS-232 operation using internal oscillator
block (no external crystal required)
- Auto-wake-up on Start bit
- Auto-Baud Detect
• 10-Bit, up to 4-Channel Analog-to-Digital Converter
module (A/D):
- Auto-acquisition capability
- Conversion available during Sleep
• Up to 3 Analog Comparators
• Programmable Reference Voltage for
Comparators
• Programmable, 15-Level Low-Voltage Detection
(LVD) module:
- Supports interrupt on Low-Voltage Detection
Special Microcontroller Features:
• C Compiler Optimized Architecture with Optional
Extended Instruction Set
• Flash Memory Retention: > 40 years
• Self-Programmable under Software Control
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Programmable Code Protection
• Single-Supply In-Circuit Serial Programming™
(ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Wide Operating Voltage Range (2.0V to 5.5V)
Device
Program Memory
Data Memory
I/O
10
-Bit
ADC
Channel
EUSART
Analog
Comparator
14-Bit
PWM (ch)
Timers
16-Bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
PIC18F1230
4096
2048
256
128
16
4
Yes
3
6
2
PIC18F1330
8192
4096
256
128
16
4
Yes
3
6
2
18/20/28-Pin Enhanced Flash Microcontrollers with
nanoWatt Technology, High-Performance PWM and A/D
PIC18F1230/1330


Similar Part No. - PIC18F1230_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F1230-E/ML MICROCHIP-PIC18F1230-E/ML Datasheet
5Mb / 312P
   18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
2006
PIC18F1230-E/MLQTP MICROCHIP-PIC18F1230-E/MLQTP Datasheet
5Mb / 312P
   18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
2006
PIC18F1230-E/MLSQTP MICROCHIP-PIC18F1230-E/MLSQTP Datasheet
5Mb / 312P
   18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
2006
PIC18F1230-E/P MICROCHIP-PIC18F1230-E/P Datasheet
5Mb / 312P
   18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
2006
PIC18F1230-E/PQTP MICROCHIP-PIC18F1230-E/PQTP Datasheet
5Mb / 312P
   18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
2006
More results

Similar Description - PIC18F1230_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2221 MICROCHIP-PIC18F2221_1 Datasheet
6Mb / 402P
   Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F2585 MICROCHIP-PIC18F2585_07 Datasheet
8Mb / 482P
   Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F4680 MICROCHIP-PIC18F4680 Datasheet
9Mb / 484P
   Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2004
PIC18F2680-I-SO MICROCHIP-PIC18F2680-I-SO Datasheet
8Mb / 482P
   Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F1220 MICROCHIP-PIC18F1220 Datasheet
5Mb / 310P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
2004
PIC18F1320-IP MICROCHIP-PIC18F1320-IP Datasheet
5Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F1320-I MICROCHIP-PIC18F1320-I Datasheet
3Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F2220 MICROCHIP-PIC18F2220 Datasheet
6Mb / 388P
   28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2003
PIC18F1220 MICROCHIP-PIC18F1220_07 Datasheet
4Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
2007
PIC18F2220 MICROCHIP-PIC18F2220_07 Datasheet
6Mb / 386P
   28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com