Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82799C0223N001 Datasheet(PDF) 4 Page - EPCOS

Part # B82799C0223N001
Description  Data and signal line chokes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82799C0223N001 Datasheet(HTML) 4 Page - EPCOS

  B82799C0223N001 Datasheet HTML 1Page - EPCOS B82799C0223N001 Datasheet HTML 2Page - EPCOS B82799C0223N001 Datasheet HTML 3Page - EPCOS B82799C0223N001 Datasheet HTML 4Page - EPCOS B82799C0223N001 Datasheet HTML 5Page - EPCOS B82799C0223N001 Datasheet HTML 6Page - EPCOS B82799C0223N001 Datasheet HTML 7Page - EPCOS B82799C0223N001 Datasheet HTML 8Page - EPCOS B82799C0223N001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Sample kit available. Ordering code: B82799X001
For more information refer to chapter “Sample kits”.
Rated voltage VR
42 V AC (50/60 Hz) / 80 V DC
Rated temperature TR
60 °C
Rated current IR
Referred to 50 Hz and rated temperature
Applicable current IR
for high temperature applications
0.5
× I
R,
referred to 50 Hz and 150 °C ambient temperature
Rated inductance LR
Measured with Agilent 4284A at 100 kHz, 0.1 mA, 20 °C
Inductance is specified per winding.
Inductance tolerance
±30% at 20 °C
Inductance decrease
ΔL/L
< 10% at DC magnetic bias with I
R, 20 °C
Stray inductance Lstray,typ
Measured with Agilent 4284A, 5 mA, 20 °C, typical values
Measuring frequency: LR ≤ 11 μH =
1 MHz
LR > 11 μH = 100 kHz
DC resistance Rtyp
Measured at 20
°C, typical values, specified per winding
Solderability
SnPb:
(215
±3) °C, (3 ±0.3) s
Sn96.5Ag3.0Cu0.5:
(245
±5) °C, (3 ±0.3) s
Wetting of soldering area
≥ 95%
(to IEC 60068-2-58)
Resistance to soldering heat
(260
±5) °C, (10 ±1) s (to IEC 60068-2-58)
Climatic category
55/150/56 (to IEC 60068-1)
Storage conditions (packaged)
–25 °C … +40 °C,
≤ 75% RH
Weight
Approx. 0.09 g
LR
mH
Lstray,typ
nH
IR
mA
Rtyp
m
Ω
Vtest
V DC, 2 s
Ordering code
0.011
40
300
120
250
B82799C0113N001
0.022
60
250
170
250
B82799C0223N001
0.022
1200
250
170
250
B82799S0223N001
0.033
70
200
200
250
B82799C0333N001
0.033
1500
200
200
250
B82799S0333N001
0.051
90
200
250
250
B82799C0513N001
0.051
2300
200
250
250
B82799S0513N001
0.10
50
300
150
750
B82799C0104N001
0.22
60
200
200
750
B82799C0224N001
0.33
70
200
250
750
B82799C0334N001
0.47
100
200
320
750
B82799C0474N001
B82799C0/S0
Data and signal line chokes
Common-mode chokes, ring core, EIA 1812


Similar Part No. - B82799C0223N001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B82799C0224N001 ETC-B82799C0224N001 Datasheet
81Kb / 6P
   Chokes for Data and Signal Lines
More results

Similar Description - B82799C0223N001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
   Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
   Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
   Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
B82788C0113H052 EPCOS-B82788C0113H052 Datasheet
186Kb / 9P
   Data and signal line chokes
B82792C2474N315 EPCOS-B82792C2474N315_08 Datasheet
196Kb / 8P
   Data and signal line chokes
B82791G0015A017 EPCOS-B82791G0015A017 Datasheet
156Kb / 6P
   Data and signal line chokes
B82790C474N215 EPCOS-B82790C474N215 Datasheet
260Kb / 11P
   Data and signal line chokes
B82789C223N2 EPCOS-B82789C223N2 Datasheet
205Kb / 11P
   Data and signal line chokes
B82720K2301N042 EPCOS-B82720K2301N042 Datasheet
111Kb / 6P
   Data and signal line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com