Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTWB-1-BL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # TTWB-1-BL
Description  Surface Mount Wideband RF Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

TTWB-1-BL Datasheet(HTML) 1 Page - Coilcraft lnc.

  TTWB-1-BL Datasheet HTML 1Page - Coilcraft lnc. TTWB-1-BL Datasheet HTML 2Page - Coilcraft lnc. TTWB-1-BL Datasheet HTML 3Page - Coilcraft lnc. TTWB-1-BL Datasheet HTML 4Page - Coilcraft lnc. TTWB-1-BL Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Coilcraft, Inc. 2008
Specifications subject to change without notice.
Please check our website for latest information.
SurfaceMountWidebandRF Transformers
Document 194-1
Document 194-1
Revised 10/21/08
Part
3 dB
2 dB
1 dB
number
(MHz)
(MHz)
(MHz)
TTWB-1-AL_
0.08 - 450
0.13 - 325
0.30 - 190
TTWB-1.5-AL_
0.03 - 300
0.035 - 250
0.06 - 150
TTWB-2-AL_
0.05 - 200
0.06 - 160
0.10 - 100
TTWB-4-AL_
0.15 - 500
0.24 - 300
0.60 - 140
TTWB-16-AL_
0.05 - 80
0.06 - 75
0.11 - 30
TTWB1010L_
0.0035 - 125
0.0045 - 100
0.007 - 80
TTWB1010-1L_
0.03 - 250
0.04 - 225
0.06 - 200
TTWB1015L_
0.07 - 225
0.10 - 200
0.20 - 125
TTWB1040L_
0.15 - 400
0.25 - 350
0.80 - 250
TTWB-1-BL_
0.13 - 425
0.18 - 325
0.32 - 190
TTWB-1.5-BL_
0.50 - 250
0.80 - 175
1.50 - 120
TTWB-2-BL_
0.20 - 400
0.225 - 275
0.50 - 150
TTWB-4-BL_
0.14 - 700
0.20 - 400
0.40 - 150
TTWB-16-BL_
0.075 - 90
0.11 - 75
0.20 - 65
TTWB2010L_
0.0035 - 125
0.0045 - 100
0.007 - 80
TTWB2010-1L_
0.03 - 250
0.04 - 225
0.06 - 200
TTWB2040L_
0.15 - 400
0.25 - 350
0.80 - 250
TTWB-1-CL_
0.10 - 300
0.13 - 200
0.20 -150
TTWB-1.5-CL_
0.15 - 200
0.225 - 150
0.35 - 100
TTWB-2-CL_
0.13 - 285
0.20 - 175
0.325 - 125
TTWB-4-CL_
0.14 - 500
0.20 - 230
0.40 - 110
TTWB3010L_
0.0035 - 125
0.0045 - 100
0.007 - 80
TTWB3010-1L_
0.03 - 250
0.04 - 225
0.06 - 200
TTWB3015L_
0.07 - 225
0.10 - 200
0.20 - 125
TTWB3040L_
0.15 - 400
0.25 - 350
0.80 - 250
Dimensions
1
+0.005 / 0.010
+0,127 / 0,254
6
2
5
3
4
0.255
6,48
0.185
4,70
Unless otherwise noted, tolerance
for all dimensions ±0.005/0,127.
0.240
6,10
0.240
6,10
0.040
1,02
0.035
0,89
0.180
4,57
6
5
4
1
2
3
0.050
1,27
0.050
1,27
0.250
6,35
0.170
4,32
0.045
1,14
Recommended
Land Pattern
1st color dot
over pin 1
3rd color dot
over pin 6
Typical Frequency Response
Dimensions are in
inches
mm
Designer’s Kit C329 contains three of each part
Core material Ferrite
Terminations RoHS compliant tin-silver-copper over silver-
platinum-glass frit. Other terminations available at additional cost.
Weight 0.37 – 0.43 g
Ambient temperature –40°C to +85°C
Storage temperature Component: –40°C to +85°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Mean Time Between Failures (MTBF) 16,666,667 hours
Packaging 1000 per 13
″ reel; Plastic tape: 16 mm wide, 0.34 mm
thick, 12 mm pocket spacing, 4.83 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Tapped and untapped versions
• 400 V interwinding isolation, 1/4 Watt RF input power
• 250 mA max current rating.


Similar Part No. - TTWB-1-BL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
TTWB-1-BLB COILCRAFT-TTWB-1-BLB Datasheet
230Kb / 5P
   Surface Mount Wideband RF Transformers
TTWB-1-BLD COILCRAFT-TTWB-1-BLD Datasheet
230Kb / 5P
   Surface Mount Wideband RF Transformers
More results

Similar Description - TTWB-1-BL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PWB-2-BLB COILCRAFT-PWB-2-BLB Datasheet
252Kb / 5P
   Surface Mount Wideband RF Transformers
TTWB1010LD COILCRAFT-TTWB1010LD Datasheet
230Kb / 5P
   Surface Mount Wideband RF Transformers
PWB-15-BLC COILCRAFT-PWB-15-BLC Datasheet
221Kb / 5P
   Surface Mount Wideband RF Transformers
1812WBT-3LB COILCRAFT-1812WBT-3LB Datasheet
236Kb / 2P
   Surface Mount Wideband RF Transformers
1812WBT COILCRAFT-1812WBT_16 Datasheet
269Kb / 2P
   Surface Mount Wideband RF Transformers
PWB-1-AL COILCRAFT-PWB-1-AL Datasheet
329Kb / 5P
   Surface Mount Wideband RF Transformers
logo
List of Unclassifed Man...
Z9280-A ETC2-Z9280-A Datasheet
222Kb / 1P
   Surface Mount Wideband RF Transformers
logo
Coilcraft lnc.
Z9280-AL COILCRAFT-Z9280-AL Datasheet
355Kb / 2P
   Surface Mount Wideband RF Transformers
1812WBT-1L COILCRAFT-1812WBT-1L Datasheet
124Kb / 2P
   Surface Mount Wideband RF Transformers
Z9280 COILCRAFT-Z9280_13 Datasheet
418Kb / 2P
   Surface Mount Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com