Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84113H0000B030 Datasheet(PDF) 11 Page - EPCOS

Part # B84113H0000B030
Description  2−line filters SIFI−H for very high insertion loss
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84113H0000B030 Datasheet(HTML) 11 Page - EPCOS

Back Button B84113H0000B030 Datasheet HTML 6Page - EPCOS B84113H0000B030 Datasheet HTML 7Page - EPCOS B84113H0000B030 Datasheet HTML 8Page - EPCOS B84113H0000B030 Datasheet HTML 9Page - EPCOS B84113H0000B030 Datasheet HTML 10Page - EPCOS B84113H0000B030 Datasheet HTML 11Page - EPCOS B84113H0000B030 Datasheet HTML 12Page - EPCOS B84113H0000B030 Datasheet HTML 13Page - EPCOS B84113H0000B030 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2−line filters
B84113H0000*
SIFI−H for very high insertion loss
Insertion loss (typical values at Z = 50 W)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
B84113H0000M110
f
104
105
106
107
108
Hz
a
dB
0
20
40
60
80
100
B84113H0000M116
f
104
105
106
107
108
Hz
a
dB
0
20
40
60
80
100
B84113H0000M060
f
104
105
106
107
108
Hz
a
dB
0
20
40
60
80
100
B84113H0000M030
f
104
105
106
107
108
Hz
a
dB
0
20
40
60
80
100
Please read and Cautions and warnings and
Important notes at the end of this document.
Page 11 of 14
B84143-H0000-*-05-7659


Similar Part No. - B84113H0000B030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84113-C-A110 EPCOS-B84113-C-A110 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-A60 EPCOS-B84113-C-A60 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-B110 EPCOS-B84113-C-B110 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-B30 EPCOS-B84113-C-B30 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
More results

Similar Description - B84113H0000B030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84111F0000B030 EPCOS-B84111F0000B030 Datasheet
292Kb / 14P
   2−line filters SIFI−F for normal insertion loss
B84112G0000B030 EPCOS-B84112G0000B030 Datasheet
217Kb / 13P
   2−line filters SIFI−G for enhanced insertion loss
B84114D EPCOS-B84114D Datasheet
148Kb / 10P
   SIFI-D for high insertion loss
B84112B EPCOS-B84112B Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84143V0095R290 EPCOS-B84143V0095R290 Datasheet
2Mb / 11P
   3−line sine−wave EMC output filters for converters and power electronics
B84143A0035R410 EPCOS-B84143A0035R410 Datasheet
321Kb / 14P
   3−line filters for converters and power electronics
B84143D0XXXR127 EPCOS-B84143D0XXXR127 Datasheet
544Kb / 17P
   3−line filters for converters and power electronics
B84144A0008R120 EPCOS-B84144A0008R120 Datasheet
250Kb / 15P
   4−line filters for converters and power electronics
B82422H EPCOS-B82422H Datasheet
275Kb / 5P
   SIMID 1210−H
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com