Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84111A0000A110 Datasheet(PDF) 2 Page - EPCOS

Part # B84111A0000A110
Description  EMC filters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84111A0000A110 Datasheet(HTML) 2 Page - EPCOS

  B84111A0000A110 Datasheet HTML 1Page - EPCOS B84111A0000A110 Datasheet HTML 2Page - EPCOS B84111A0000A110 Datasheet HTML 3Page - EPCOS B84111A0000A110 Datasheet HTML 4Page - EPCOS B84111A0000A110 Datasheet HTML 5Page - EPCOS B84111A0000A110 Datasheet HTML 6Page - EPCOS B84111A0000A110 Datasheet HTML 7Page - EPCOS B84111A0000A110 Datasheet HTML 8Page - EPCOS B84111A0000A110 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2-line filters
B84111A
SIFI-A for normal insertion loss
Power line filters for 1-phase systems
Rated voltage 250 V DC/AC, 50/60 Hz
Rated current 1 to 20 A
Alternative version
Series B84111F (SIFI-F)
offers a low-cost solution
Construction
■ 2-line filters
■ Metal case
■ Polyurethane potting (UL 94 V-0)
Features
■ Compact design
■ Optimized leakage current
■ Cost-optimized construction
■ Also for assembly on top-hat rails
■ ENEC10, UL and CSA approval
Applications
■ Switch-mode power supplies in
– industrial electronics
– telecommunications
– data systems
– medical equipment
DC applications
Case styles and terminal styles
Case style A
Tab connectors on face ends, lateral fixing lugs.
Particularly suitable for mounting on a shielding wall.
Case style B
Tab connectors on face ends, fixing lugs on face ends.
Case style K
IEC connector as per IEC 60320 C 14 on line side,
tab connectors on load side, mounting holes with metric thread.
Case style L
Litz wires on face ends, fixing lugs on face ends
Marking
Marking on component:
Manufacturer’s logo, ordering code,
rated voltage, rated current, rated temperature,
climatic category, date code
Minimum marking on packaging:
Manufacturer’s logo, ordering code
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
2


Similar Part No. - B84111A0000A110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A110 EPCOS-B84111-A-A110 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A120 EPCOS-B84111-A-A120 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A20 EPCOS-B84111-A-A20 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A30 EPCOS-B84111-A-A30 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
More results

Similar Description - B84111A0000A110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com