Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBC1-1L Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # WBC1-1L
Description  SMT Mini Wideband Transformers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

WBC1-1L Datasheet(HTML) 3 Page - Coilcraft lnc.

  WBC1-1L Datasheet HTML 1Page - Coilcraft lnc. WBC1-1L Datasheet HTML 2Page - Coilcraft lnc. WBC1-1L Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© Coilcraft, Inc. 2009
SMT Mini Wideband Transformers
Specifications subject to change without notice.
Please check our website for latest information.
Document 424-3
Revised 02/17/09
Document 424-3
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC1-1
3 dB bandwidth: 0.400 – 600 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC1-1T
3 dB bandwidth: 0.250 – 750 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC2-1T
3 dB bandwidth: 0.200 – 500 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC3-1T
3 dB bandwidth: 0.300 – 900 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC4-1T
3 dB bandwidth: 0.250 – 750 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC4-14
3 dB bandwidth: 1.500 – 1200 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC4-1W
3 dB bandwidth: 0.500 – 1000 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC4-6T
3 dB bandwidth: 0.300 – 700 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC8-1
3 dB bandwidth: 0.150 – 600 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC9-1
3 dB bandwidth: 0.300 – 500 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC16-1T
3 dB bandwidth: 0.600 – 300 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
10000
1000
Frequency (MHz)
WBC4-4
3 dB bandwidth: 0.250 – 800 MHz
Attenuation measured on a network analyzer (re: 50 Ohms)


Similar Part No. - WBC1-1L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WBC1-1LB COILCRAFT-WBC1-1LB Datasheet
407Kb / 5P
   Mini Wideband Transformers
WBC1-1LC COILCRAFT-WBC1-1LC Datasheet
407Kb / 5P
   Mini Wideband Transformers
WBC1-1LC COILCRAFT-WBC1-1LC_15 Datasheet
407Kb / 5P
   Mini Wideband Transformers
WBC1-1LD COILCRAFT-WBC1-1LD Datasheet
407Kb / 5P
   Mini Wideband Transformers
More results

Similar Description - WBC1-1L

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R3838 MPSIND-R3838 Datasheet
574Kb / 1P
   SMT MINI WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WBC1-1LC COILCRAFT-WBC1-1LC_15 Datasheet
407Kb / 5P
   Mini Wideband Transformers
JA4220 COILCRAFT-JA4220_15 Datasheet
367Kb / 2P
   SMT Mini Wideband Transformer
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
PFD2015_WIDEBAND COILCRAFT-PFD2015_WIDEBAND_15 Datasheet
533Kb / 2P
   Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SLD COILCRAFT-WB1-1SLD_15 Datasheet
616Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com