Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84111F0000M116 Datasheet(PDF) 2 Page - EPCOS

Part # B84111F0000M116
Description  2−line filters SIFI−F for normal insertion loss
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84111F0000M116 Datasheet(HTML) 2 Page - EPCOS

  B84111F0000M116 Datasheet HTML 1Page - EPCOS B84111F0000M116 Datasheet HTML 2Page - EPCOS B84111F0000M116 Datasheet HTML 3Page - EPCOS B84111F0000M116 Datasheet HTML 4Page - EPCOS B84111F0000M116 Datasheet HTML 5Page - EPCOS B84111F0000M116 Datasheet HTML 6Page - EPCOS B84111F0000M116 Datasheet HTML 7Page - EPCOS B84111F0000M116 Datasheet HTML 8Page - EPCOS B84111F0000M116 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2−line filters
B84111F0000*
SIFI−F for normal insertion loss
Construction
S 2−line filter
S Metal case
S Polyurethane potting (UL 94 V−0)
Features
S Optimized leakage current
S Easy to install
S Compact design
S Cost−optimized construction
S ENEC10, UL und cUL approval
c
us
Applications
S Switched−mode power supplies for
− industrial electronics
− telecom systems
− data systems
S DC applications
S Medical engineering Type M
Terminals
S Filters up to 20A tab connectors 6.3 x 0.8 mm
S Threaded studs M5 for filters from 25A to 36A
Marking
S Marking on component:
manufacturer’s logo, ordering code, rated voltage, rated current,
rated temperature, climatic category, date code
S Minimum marking on packaging: maufacturer’s logo, ordering code,
date code, quantity
Please read and Cautions and warnings and
Important notes at the end of this document.
Page 2 of 14
B84111-F0000-*-07-7659


Similar Part No. - B84111F0000M116

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A110 EPCOS-B84111-A-A110 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A120 EPCOS-B84111-A-A120 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A20 EPCOS-B84111-A-A20 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A30 EPCOS-B84111-A-A30 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
More results

Similar Description - B84111F0000M116

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84112G0000B030 EPCOS-B84112G0000B030 Datasheet
217Kb / 13P
   2−line filters SIFI−G for enhanced insertion loss
B84113H0000B030 EPCOS-B84113H0000B030 Datasheet
292Kb / 14P
   2−line filters SIFI−H for very high insertion loss
B84114D EPCOS-B84114D Datasheet
148Kb / 10P
   SIFI-D for high insertion loss
B84112B EPCOS-B84112B Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84143V0095R290 EPCOS-B84143V0095R290 Datasheet
2Mb / 11P
   3−line sine−wave EMC output filters for converters and power electronics
B84143A0035R410 EPCOS-B84143A0035R410 Datasheet
321Kb / 14P
   3−line filters for converters and power electronics
B84143D0XXXR127 EPCOS-B84143D0XXXR127 Datasheet
544Kb / 17P
   3−line filters for converters and power electronics
B84144A0008R120 EPCOS-B84144A0008R120 Datasheet
250Kb / 15P
   4−line filters for converters and power electronics
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
logo
EPCOS
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com