Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84131M0002G163 Datasheet(PDF) 6 Page - EPCOS

Part # B84131M0002G163
Description  EMC filters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84131M0002G163 Datasheet(HTML) 6 Page - EPCOS

Back Button B84131M0002G163 Datasheet HTML 2Page - EPCOS B84131M0002G163 Datasheet HTML 3Page - EPCOS B84131M0002G163 Datasheet HTML 4Page - EPCOS B84131M0002G163 Datasheet HTML 5Page - EPCOS B84131M0002G163 Datasheet HTML 6Page - EPCOS B84131M0002G163 Datasheet HTML 7Page - EPCOS B84131M0002G163 Datasheet HTML 8Page - EPCOS B84131M0002G163 Datasheet HTML 9Page - EPCOS B84131M0002G163 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-line filters
B84131
for installations and systems
B84131M0004G180, B84131M0004G225 (80 A, 125 A)
Screw thread M10
150±1.2
Tightening
35±0.8
220±1.2
160±0.3
M5 x 6 1)
torque 10 Nm
35±0.8
35±0.8
35±0.8
120±0.3
1) Also suitable for screws with 10-32 UNF thread
SSB0544-3-E
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
6


Similar Part No. - B84131M0002G163

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84131 EPCOS-B84131 Datasheet
242Kb / 7P
   4-Line Filters for Installations and Systems
B84131-A6-A1 EPCOS-B84131-A6-A1 Datasheet
242Kb / 7P
   4-Line Filters for Installations and Systems
B84131-M1-G125 EPCOS-B84131-M1-G125 Datasheet
242Kb / 7P
   4-Line Filters for Installations and Systems
B84131-M1-G135 EPCOS-B84131-M1-G135 Datasheet
242Kb / 7P
   4-Line Filters for Installations and Systems
B84131-M1-H135 EPCOS-B84131-M1-H135 Datasheet
242Kb / 7P
   4-Line Filters for Installations and Systems
More results

Similar Description - B84131M0002G163

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com