Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE701359BM+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE701359BM+
Description  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701359BM+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE701359BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701359BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701359BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701359BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701359BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701359BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701359BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701359BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701359BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
 
                                                                                                                      
ACE701
                        Technology PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
2
Packaging Type
SOT-89-3
SOT-23-3
SOT-23-5
SOT-89-5
3
5
4
5
4
1
2
3
1
2
1
2
3
1
2
3
Pin
SOT-89-3 SOT-23-3 SOT-23-5 SOT-89-5
Function
VSS(GND)
1
1
4
4
Ground pin
VOUT
2
2
2
2
Output pin, power supply for internal
circuits
LX(Ext)
3
3
5
5
Switching pin
NC
3
3
CE
1
1
Chip enable pin (active high)
Ordering information
Selection Guide
ACE701 X XX XX + H
Output Voltage :
2.5V / 3.0V ….. 6.0V
Function Description :
1 : Internal Tr. Driver, Without Enable circuit
2 : Internal Tr. Driver, With Enable circuit
3 : External Tr. Driver, Without Enable circuit
4 : External Tr. Driver, With Enable circui
Pb - free
BN : SOT-23-5
BM : SOT-23-3
AM : SOT-89-3
AN : SOT-89-5
Halogen - free


Similar Part No. - ACE701359BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701325AM+H ACE-ACE701325AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701325BN+H ACE-ACE701325BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701330AM+H ACE-ACE701330AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701330BN+H ACE-ACE701330BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701360AM+H ACE-ACE701360AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
More results

Similar Description - ACE701359BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
   PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com