Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

144-03J12SL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 144-03J12SL
Description  10 mm Tunable Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

144-03J12SL Datasheet(HTML) 1 Page - Coilcraft lnc.

  144-03J12SL Datasheet HTML 1Page - Coilcraft lnc. 144-03J12SL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2008
Specifications subject to change without notice.
Please check our website for latest information.
Document 108-1
Document 108-1
Revised 09/18/08
10mmTunableCoils–142,143,144Series
These Coilcraft variable inductors are precision molded
in plastic to ensure constant winding pitch and a con-
sistent relationship to the printed circuit board.
Extremely economical, even in small quantities, the
coils come in standard inductance values from 0.05 µH
to 1.5 µH. 144 Series parts are also available with a tap
to meet specific requirements.
Tuning is done by means of a threaded powdered iron
core with a hex socket for easy, positive adjustment.
Plated brass shield cans with solderable tabs are optional.
These parts can be odered without cores for use as
fixed inductors.
Coilcraft Designer’s Kit M302 contains samples of all
standard 10 mm and 7 mm tunable inductors. To order,
contact Coilcraft or visit http://order.coilcraft.com to
purchase on-line.
Unshielded Styles
With Shield Can
3 TOOLS IN 1
TUNING WRENCH
TRITUNER SEEINDEX
Terminations:
Series 142 and 143 leads: Tin-silver over copper
Series 144 leads: Matte tin over copper
Shield can tabs: Tin-silver over nickel over brass
0.750
19,05
0.531
13,49
0.157 ±0.010
3,99 ± 0,25
0.060 ±0.010
1,52 ±0,25
max
max
Tab length
0.197
5,00
dia
0.411
10,44
Start
Finish
0.375
9,53
Tab centers
0.704 ±0.020
17,88 ±0,51
0.138 ±0.040
3,5 ±1,02
0.025 ±0.002
0,635 ±0,05
dia
0.380 ±0.005
9,65 ±0,13
square
sq max
Start
Finish
0.276 ±0.007
7,01 ±0,18
0.276 ±0.007
7,01 ±0,18
Recommended
Board Layout
CL
CL
0.138
3,505
0.138
3,505
0.1875
4,76
(2)
0.045
1,143
0.197
5,00
(optional, for tuning
through the board)
0.080
2,03
(for shield
can tabs)
0.470 ±0.020
11,94 ±0,51
(142 Series only)
(142 Series only)
Unshielded
With shield can
Weight: 142 series
1.39 – 1.82 g
1.64 – 2.16 g
143 series
1.75 – 2.40 g
2.85 – 3.54 g
144 series
1.22 – 1.74 g
2.35 – 2.91 g
Resistance to soldering heat:
Wave solder only. Recommended maximum
board surface temperature of 168°C (334°F) for no more than three seconds.
Pre-heating is recommended to minimize time over the solder nozzle.


Similar Part No. - 144-03J12SL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
144-03J12SL COILCRAFT-144-03J12SL Datasheet
233Kb / 2P
   10 mm Tunable Coils ??142, 143, 144
More results

Similar Description - 144-03J12SL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
144-01J12L COILCRAFT-144-01J12L_13 Datasheet
233Kb / 2P
   10 mm Tunable Coils ??142, 143, 144
150-01J08L COILCRAFT-150-01J08L_13 Datasheet
223Kb / 2P
   7 mm Tunable RF Coils ??146, 150
SLOT10 COILCRAFT-SLOT10 Datasheet
260Kb / 3P
   ?쏶LOT TEN??10 mm Tunable Inductors
logo
API Delevan
9405R API-9405R Datasheet
1Mb / 1P
   Tunable Variable RF Coils
logo
Coilcraft lnc.
150-01J08L COILCRAFT-150-01J08L Datasheet
125Kb / 2P
   7mm Tunable RF Coils
logo
Frontier Electronics.
5YN FRONTIER-5YN Datasheet
137Kb / 1P
   Tunable Hi-Q RF Coils
logo
Coilcraft lnc.
164-01A06L COILCRAFT-164-01A06L Datasheet
276Kb / 3P
   5 mm Tunable Inductor
7M2-101 COILCRAFT-7M2-101 Datasheet
151Kb / 4P
   7 mm Tunable Inductors
logo
Frontier Electronics.
5SQ FRONTIER-5SQ_15 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ FRONTIER-5SQ Datasheet
132Kb / 1P
   Tunable Super Hi-Q RF Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com