Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE55535AMC+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE55535AMC+
Description  400mA LDO Dropout Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE55535AMC+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE55535AMC+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE55535AMC+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE55535AMC+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE55535AMC+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE55535AMC+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE55535AMC+ Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
                                                                                                                      
ACE555
                        Technology
400mA LDO Dropout Voltage Regulator
VER 1.2
2
Packaging Type
SOT-89-3
1
2
3
Ordering information
Selection Guide
ACE555 XX XXX + H
Block Diagram
Pin
SOT-89-3(A)
SOT-89-3(B)
SOT-89-3(C)
VOUT
1
3
2
GND
2
1
1
VIN
3
2
3
Output Voltage :
1.8V / 2.5V ….. 5.0V
Pb - free
AMA: SOT-89-3
AMB: SOT-89-3
AMC: SOT-89-3
Halogen - free


Similar Part No. - ACE55535AMC+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
More results

Similar Description - ACE55535AMC+

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com