Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC11B15242AE Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11B15242AE
Description  11mm Size Metal Shaft Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11B15242AE Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  EC11B15242AE Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11B15242AE Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11B15242AE Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11B15242AE Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11B15242AE Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11B15242AE Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11B15242AE Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11B15242AE Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11B15242AE Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3.5
5
20)
25
710
0.5 or 1.5
R0.5
C1
11.7
AC B
9.2
Switch01
Switch02
3.5
Switch travel
DE
DE
Incremental
Type
Absolute
Type
185
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
3.5
8.5
25
7
15
7
1.5
5
R0.5
C0.5 C0.5
11.7
AC B
A' C' B'
9.2
3.5
Switch travel
DE
Switch01
Switch02
Switch03
3.5
8
25
7
15
7
0.5
5
R0.5
C0.5 C0.5
11.7
AC B
A' C' B'
9.2
3.5
Switch travel
DE
Switch01
Switch02
Switch03
Dimensions
Unit:mm
No.
10
Photo
Style
PC board mounting hole
dimensions
(Viewed from mounting side)
12.5
5
1.5
5-ø1 holes
5
DE
AC B
Self-return switch
with push-on switch
(travel 0.5mm/1.5mm)
12
13
AC B
A' C' B'
12.5
5
1.5
8-ø1 holes
5
DE
AC B
A' C' B'
12.5
5
1.5
8-ø1 holes
5
DE
Dual-shaft type
with push-on switch
(travel 0.5mm)
Inner shaft: encoder
Outer shaft: encoder
Dual-shaft type
with push-on switch
(travel 1.5mm)
Inner shaft: encoder
Outer shaft: self-return switch
11
ABC switch
with push-on switch
(travel 0.5mm/1.5mm)
BEF
A
EF
DC
12.4
7.5
6-¿1 holes
2-¿2.3 holes
5
11mm Size Metal Shaft Type
EC11 Series
Encoder
3.5
4.5
20)
7
24.5
7
(Switch02)
(Switch01)
10
0.5 or 1.5
Switch travel
3.5
14.2
11.7
BEF
A DC


Similar Part No. - EC11B15242AE

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11B15242AE ALPS-EC11B15242AE Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
More results

Similar Description - EC11B15242AE

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com