Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84142A0500S018 Datasheet(PDF) 3 Page - EPCOS

Part # B84142A0500S018
Description  EMC filters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84142A0500S018 Datasheet(HTML) 3 Page - EPCOS

  B84142A0500S018 Datasheet HTML 1Page - EPCOS B84142A0500S018 Datasheet HTML 2Page - EPCOS B84142A0500S018 Datasheet HTML 3Page - EPCOS B84142A0500S018 Datasheet HTML 4Page - EPCOS B84142A0500S018 Datasheet HTML 5Page - EPCOS B84142A0500S018 Datasheet HTML 6Page - EPCOS B84142A0500S018 Datasheet HTML 7Page - EPCOS B84142A0500S018 Datasheet HTML 8Page - EPCOS B84142A0500S018 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2-line filters
B84142A*S002 … S018
for converters in traction systems
Technical data and measuring conditions
Rated voltage VR
Type S002:
Type S003:
Type S018:
750 V DC
1000 V DC
2000 V DC
Rated current IR
Referred to 60
°C ambient temperature
Test voltage Vtest
Type S002: 2000 V DC, 60 s (L+ /L–)
4900 V DC, 60 s (L+ || L–/case)
6000 V DC, 2 s (L+ || L–/case)
Type S003: 2500 V DC, 60 s (L+ /L–)
4900 V DC, 60 s (L+ || L–/case)
6000 V DC, 2 s (L+ || L–/case)
Type S018: 4000 V DC, 60 s (L+ /L–)
4900 V DC, 60 s (L+ || L–/case)
6000 V DC, 2 s (L+ || L–/case)
Overload capability (thermal)
1.6 · IR for 20 s per hour or
2.0 · IR for 10 s per hour
Climatic category (IEC 60068-1)
40/100/21 (–40
°C/+100 °C/21 days damp heat test)
Characteristics and ordering codes
VR
DC
V
IR
A
Rtyp
µΩ
Approx.
weight
kg
Ordering code
750
250
63
12
B84142A0250S002
500
57
13
B84142A0500S002
1000
33
26
B84142A1000S002
1000
250
63
12
B84142A0250S003
500
57
13
B84142A0500S003
1000
33
26
B84142A1000S003
2000
250
63
12
B84142A0250S018
500
57
13
B84142A0500S018
1000
33
26
B84142A1000S018
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
3


Similar Part No. - B84142A0500S018

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
246Kb / 12P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142A0010R000 EPCOS-B84142A0010R000 Datasheet
210Kb / 10P
   EMC filters
B84142A0012R123 EPCOS-B84142A0012R123 Datasheet
187Kb / 9P
   EMC filters
B84142A0016R122 EPCOS-B84142A0016R122 Datasheet
246Kb / 12P
   EMC filters
More results

Similar Description - B84142A0500S018

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com