Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

143-11J12SL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 143-11J12SL
Description  10 mm Tunable Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

143-11J12SL Datasheet(HTML) 2 Page - Coilcraft lnc.

  143-11J12SL Datasheet HTML 1Page - Coilcraft lnc. 143-11J12SL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2008
Specifications subject to change without notice.
Please check our website for latest information.
Document 108-2
Document 108-2
Revised 09/18/08
No core
DCR
Part
No core L2
L min3
L nom
L max
SRF min
max
Irms5
number1
Color
Turns
nom (nH)
(nH)
(nH)
(nH)
Q min4
(MHz)
(mOhm)
(A)
144-01J12L
Brown
53
56
59
62
140
1800
7.4
11.0
144-02J12L
Red
75
79
88
98
145
1150
8.6
10.0
144-03J12L
Orange
99
104
123
142
147
900
9.7
9.6
144-04J12L
Yellow
126
132
164
195
150
765
10.9
9.0
144-05J12L
Green
154
162
207
252
154
670
12.1
8.6
144-06J12L
Blue
182
193
250
306
154
610
13.6
8.1
144-07J12L
Violet
214
240
298
356
158
525
14.7
7.8
144-08J12L
Gray
245
283
344
405
160
465
15.9
7.5
144-09J12L
White
274
328
387
446
162
420
17.1
7.2
144-10J12L
Black
10½
307
391
442
493
162
390
18.5
7.0
142-01J08L
Brown
63
63
65
68
115
980
7.4
13.4
142-02J08L
Red
92
93
100
107
118
600
8.4
12.5
142-03J08L
Orange
127
133
145
157
120
470
9.6
11.8
142-04J08L
Yellow
166
174
196
218
125
420
10.8
11.1
142-05J08L
Green
212
226
256
287
122
370
11.9
10.5
142-06J08L
Blue
258
275
315
355
112
340
13.2
10.0
142-07J08L
Violet
307
330
378
427
112
310
14.5
9.6
142-08J08L
Gray
357
396
450
504
106
290
15.7
9.2
142-09J08L
White
412
473
520
567
110
270
16.9
8.9
142-10J08L
Black
10½
464
550
592
635
104
260
18.0
8.6
143-09J12L
White
385
404
550
693
86
280
16.7
7.3
143-10J12L
Black
10½
438
460
624
788
90
270
17.9
7.1
143-11J12L
Brown
11½
490
515
708
900
78
260
19.2
6.8
143-12J12L
Red
12½
545
578
764
950
84
250
20.5
6.6
143-13J12L
Orange
13½
600
673
845
1020
84
245
21.7
6.4
143-14J12L
Yellow
14½
645
726
908
1090
82
240
22.8
6.3
143-15J12L
Green
15½
692
803
978
1150
90
230
23.9
6.1
143-16J12L
Blue
16½
765
891
1080
1270
74
225
25.2
6.0
143-17J12L
Violet
17½
830
1010
1180
1340
74
215
26.4
5.8
143-18J12L
Gray
18½
895
1100
1250
1400
92
195
27.6
5.7
143-19J12L
White
19½
910
1200
1320
1440
98
190
28.9
5.6
143-20J12L
Black
20½
960
1300
1400
1500
92
185
30.0
5.5
No core
DCR
Part
No core L2
L min3
L nom
L max
SRF min
max
Irms5
number1
Color
Turns
nom (nH)
(nH)
(nH)
(nH)
Q min4
(MHz)
(mOhm)
(A)
144-01J12SL
Brown
50
52
53
54
97
2200
7.4
11.0
144-02J12SL
Red
67
70
74
78
98
1200
8.6
10.0
144-03J12SL
Orange
88
92
99
106
98
920
9.7
9.6
144-04J12SL
Yellow
106
111
122
133
100
790
10.9
9.0
144-05J12SL
Green
126
132
149
165
101
685
12.1
8.6
144-06J12SL
Blue
147
154
175
196
106
625
13.6
8.1
144-07J12SL
Violet
168
176
200
223
104
530
14.7
7.8
144-08J12SL
Gray
190
202
226
250
108
480
15.9
7.5
144-09J12SL
White
210
239
256
274
108
435
17.1
7.2
144-10J12SL
Black
10½
232
270
282
295
106
420
18.5
7.0
142-01J08SL
Brown
58
58
59.5
61
82
1230
7.4
13.4
142-02J08SL
Red
81
84
86
89
83
650
8.4
12.5
142-03J08SL
Orange
110
115
120
121
85
550
9.6
11.8
142-04J08SL
Yellow
140
147
156
160
88
460
10.8
11.1
142-05J08SL
Green
174
182
197
205
94
410
11.9
10.5
142-06J08SL
Blue
210
220
240
248
94
370
13.2
10.0
142-07J08SL
Violet
247
259
280
290
90
330
14.5
9.6
142-08J08SL
Gray
284
299
322
337
86
320
15.7
9.2
142-09J08SL
White
319
338
363
377
88
310
16.9
8.9
142-10J08SL
Black
10½
357
382
410
422
82
290
18.0
8.6
143-09J12SL
White
300
315
369
423
80
303
16.7
7.3
143-10J12SL
Black
10½
338
355
416
477
82
290
17.9
7.1
143-11J12SL
Brown
11½
377
396
468
540
78
270
19.2
6.8
143-12J12SL
Red
12½
412
433
509
585
80
265
20.5
6.6
143-13J12SL
Orange
13½
452
475
556
637
80
265
21.7
6.4
143-14J12SL
Yellow
14½
490
515
604
693
78
260
22.8
6.3
143-15J12SL
Green
15½
522
583
660
738
80
250
23.9
6.1
143-16J12SL
Blue
16½
575
638
720
801
76
245
25.2
6.0
143-17J12SL
Violet
17½
612
693
770
846
76
240
26.4
5.8
143-18J12SL
Gray
18½
650
754
814
874
82
215
27.6
5.7
143-19J12SL
White
19½
675
792
846
900
80
210
28.9
5.6
143-20J12SL
Black
20½
715
847
896
945
74
200
30.0
5.5
1. To order fixed inductance parts
without cores, eliminate the “J08” or
“J12”, e.g. 144-01L or 144-01SL.
2. Inductance and Q readings taken
on Boonton 260-A Q meter with
16 AWG tinned copper 1/2
″ long
soldered along leads and bent at
90° 1/4
″ down from standoffs.
All inductance values greater
than 0.1 µH read at recommended
Q meter frequency; those below
0.1 µH calculated from readings
taken at 50 MHz.
3. L min measured with core halfway
out top of form.
4. Q min measured at L nom at
40 MHz.
5. Average current for a 40°C rise
above 25°C ambient.
6. Core material: Carbonyl J
Core length: 142 Series - 1/4
143, 144 Series - 3/8
7. Taps available on 144 series parts
at 1/8, 3/8, 5/8 and 7/8 turn increments.
8. Operating temperature range
−40°C to +85°C.
9. Electrical specifications at 25°C.
Unshielded
Shielded


Similar Part No. - 143-11J12SL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
143-11J12SL COILCRAFT-143-11J12SL Datasheet
233Kb / 2P
   10 mm Tunable Coils ??142, 143, 144
More results

Similar Description - 143-11J12SL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
144-01J12L COILCRAFT-144-01J12L_13 Datasheet
233Kb / 2P
   10 mm Tunable Coils ??142, 143, 144
150-01J08L COILCRAFT-150-01J08L_13 Datasheet
223Kb / 2P
   7 mm Tunable RF Coils ??146, 150
SLOT10 COILCRAFT-SLOT10 Datasheet
260Kb / 3P
   ?쏶LOT TEN??10 mm Tunable Inductors
logo
API Delevan
9405R API-9405R Datasheet
1Mb / 1P
   Tunable Variable RF Coils
logo
Coilcraft lnc.
150-01J08L COILCRAFT-150-01J08L Datasheet
125Kb / 2P
   7mm Tunable RF Coils
logo
Frontier Electronics.
5YN FRONTIER-5YN Datasheet
137Kb / 1P
   Tunable Hi-Q RF Coils
logo
Coilcraft lnc.
164-01A06L COILCRAFT-164-01A06L Datasheet
276Kb / 3P
   5 mm Tunable Inductor
7M2-101 COILCRAFT-7M2-101 Datasheet
151Kb / 4P
   7 mm Tunable Inductors
logo
Frontier Electronics.
5SQ FRONTIER-5SQ_15 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ FRONTIER-5SQ Datasheet
132Kb / 1P
   Tunable Super Hi-Q RF Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com