Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84143A0090R105 Datasheet(PDF) 9 Page - EPCOS

Part # B84143A0090R105
Description  EMC filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143A0090R105 Datasheet(HTML) 9 Page - EPCOS

Back Button B84143A0090R105 Datasheet HTML 5Page - EPCOS B84143A0090R105 Datasheet HTML 6Page - EPCOS B84143A0090R105 Datasheet HTML 7Page - EPCOS B84143A0090R105 Datasheet HTML 8Page - EPCOS B84143A0090R105 Datasheet HTML 9Page - EPCOS B84143A0090R105 Datasheet HTML 10Page - EPCOS B84143A0090R105 Datasheet HTML 11Page - EPCOS B84143A0090R105 Datasheet HTML 12Page - EPCOS B84143A0090R105 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
3-line filters
B84143A*R105
for converters and power electronics
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
Filters for 8 A
Filters for 16 A
SSB2137-6
SSB2138-E
100
B84143A0008R105
100
dB
dB
α
α
80
80
60
60
40
40
20
20
B84143A0016R105
0
104
10 5
10 6
10 7
Hz 10 8
0
104
10 5
10 6
10 7
Hz 10 8
f
f
Filters for 25 A
Filters for 36 A
100
SSB2139-M
100
SSB2140-Q
dB
dB
α
α
80
80
60
60
40
40
B84143A0025R105
B84143A0036R105
20
20
0
0
104
10 5
10 6
10 7
Hz 10 8
104
10 5
10 6
10 7
Hz 10 8
f
f
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
9


Similar Part No. - B84143A0090R105

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143A0090R105 EPCOS-B84143A0090R105 Datasheet
207Kb / 14P
   EMC filters
More results

Similar Description - B84143A0090R105

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com