Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84143A0150R105 Datasheet(PDF) 5 Page - EPCOS

Part # B84143A0150R105
Description  EMC filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143A0150R105 Datasheet(HTML) 5 Page - EPCOS

  B84143A0150R105 Datasheet HTML 1Page - EPCOS B84143A0150R105 Datasheet HTML 2Page - EPCOS B84143A0150R105 Datasheet HTML 3Page - EPCOS B84143A0150R105 Datasheet HTML 4Page - EPCOS B84143A0150R105 Datasheet HTML 5Page - EPCOS B84143A0150R105 Datasheet HTML 6Page - EPCOS B84143A0150R105 Datasheet HTML 7Page - EPCOS B84143A0150R105 Datasheet HTML 8Page - EPCOS B84143A0150R105 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
3-line filters
B84143A*R105
for converters and power electronics
Dimensional drawings
B84143A0008R105 (8 A)
133.7
8
SSB2151-6-E
PE M4 x 11
155±0.5
165
Marking
LINE
LOAD
L1
L2
L3
L3’
L2’
L1’
Tightening torque 0.5 ... 0.6 Nm
Terminal blocks 4 mm 2
B84143A0016R105 (16 A)
199.5
9
PE M5 x 15
SSB2152-E-E
Marking
LOAD
LINE
L3
L2
L1
L1’
L2’
L3’
221±0.5
231
Tightening torque 0.5 ... 0.6 Nm
Terminal blocks 4 mm 2
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
5


Similar Part No. - B84143A0150R105

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143A0150R105 EPCOS-B84143A0150R105 Datasheet
207Kb / 14P
   EMC filters
More results

Similar Description - B84143A0150R105

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com