Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC11E1834403 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11E1834403
Description  11mm Size Metal Shaft Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11E1834403 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  EC11E1834403 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11E1834403 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11E1834403 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11E1834403 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11E1834403 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11E1834403 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11E1834403 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11E1834403 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11E1834403 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Incremental
Type
Absolute
Type
186
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Product Varieties
LB
1.6
C0.5
L1
ø7
2
)Flat Type
Unit:mm
Detailed dimensions
L1
LB
R
15
15
20
5
7
7
7
5
(6)
10
(12)
25
7
12
3
)Slotted Type
Unit:mm
Detailed dimensions
L1
15
20
25
7
7
7
LB
Dimensions marked with ( ) apply to products without push-on switches.
2.
Standard Dimensions and configuration of Dual-shaft Type
L1
C0.5
ø8
C0.5
R2
LB
L2
R1
1
)Flat Type
Unit:mm
Configuration
(Inner-shaft :φ3.5 Outer-shaft :φ6)
Detailed dimensions
L1
R1
R2
L2
LB
20
25
30
10
15
20
5
7
7
7
7
7
4
5
5
※Does not comply with EC111
1. Single-shaft Type
1
)Knurled Type
Unit:mm
Detailed dimensions
L1
LB
S1
R1
R2
20
7
6
1
7
25
7
10
2
11
Not applicable for EC11E
with push-lock mechanism
and EC11G
Configuration
(Shaft diameter:φ6)
L1
LB
R
C1
ø7
Shaft Dimensions
1. The
highlighted figures in shaft types refer to Product Specifications in P.181 and P.182.
2. Products other than those listed in the above chart are also available. Please contact us for details
Notes
Configuration
(Shaft diameter:φ6)
Configuration
(Shaft diameter:φ6)
L1
S1
0.5 or 1
LB
¿7
C1
R1
R2
18 teeth knurl
11mm Size Metal Shaft Encoders


Similar Part No. - EC11E1834403

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11E1834403 ALPS-EC11E1834403 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC11E1834403 ETC-EC11E1834403 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC11E1834403

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com