Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1461AV33-133BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1461AV33-133BZC
Description  36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1461AV33-133BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1461AV33-133BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1461AV33-133BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1461AV33-133BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1461AV33-133BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1461AV33-133BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1461AV33-133BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1461AV33-133BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1461AV33-133BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1461AV33-133BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
CY7C1461AV33
CY7C1463AV33, CY7C1465AV33
Document #: 38-05356 Rev. *G
Page 8 of 32
Pin Definitions
Pin Name
IO
Description
A0, A1, A
Input-
Synchronous
Address Inputs. Used to select one of the address locations. Sampled at the rising edge of the
CLK. A[1:0] are fed to the two-bit burst counter.
BWA, BWB
BWC, BWD,
BWE, BWF,
BWG, BWH
Input-
Synchronous
Byte Write Inputs, Active LOW. Qualified with WE to conduct writes to the SRAM. Sampled on
the rising edge of CLK.
WE
Input-
Synchronous
Write Enable Input, Active LOW. Sampled on the rising edge of CLK if CEN is active LOW. This
signal must be asserted LOW to initiate a write sequence.
ADV/LD
Input-
Synchronous
Advance or Load Input. Used to advance the on-chip address counter or load a new address.
When HIGH (and CEN is asserted LOW) the internal burst counter is advanced. When LOW, a
new address can be loaded into the device for an access. After deselecting, drive ADV/LD LOW
to load a new address.
CLK
Input-
Clock
Clock Input. Used to capture all synchronous inputs to the device. CLK is qualified with CEN. CLK
is only recognized if CEN is active LOW.
CE1
Input-
Synchronous
Chip Enable 1 Input, Active LOW. Sampled on the rising edge of CLK. Used in conjunction with
CE2 and CE3 to select or deselect the device.
CE2
Input-
Synchronous
Chip Enable 2 Input, Active HIGH. Sampled on the rising edge of CLK. Used in conjunction with
CE1 and CE3 to select or deselect the device.
CE3
Input-
Synchronous
Chip Enable 3 Input, Active LOW. Sampled on the rising edge of CLK. Used in conjunction with
CE1 and CE2 to select or deselect the device.
OE
Input-
Asynchronous
Output Enable, Asynchronous Input, Active LOW. Combined with the synchronous logic block
inside the device to control the direction of the IO pins. When LOW, the IO pins are allowed to
behave as outputs. When deasserted HIGH, IO pins are tri-stated and act as input data pins. OE
is masked during the data portion of a write sequence, during the first clock when emerging from
a deselected state, and when the device is deselected.
CEN
Input-
Synchronous
Clock Enable Input, Active LOW. When asserted LOW the clock signal is recognized by the
SRAM. When deasserted HIGH the clock signal is masked. Because deasserting CEN does not
deselect the device, use CEN to extend the previous cycle when required.
ZZ
Input-
Asynchronous
ZZ “Sleep” Input. This active HIGH input places the device in a non time critical sleep condition
with data integrity preserved. During normal operation, this pin has to be LOW or left floating. ZZ
pin has an internal pull down.
DQs
IO-
Synchronous
Bidirectional Data IO lines. As inputs, they feed into an on-chip data register that is triggered by
the rising edge of CLK. As outputs, they deliver the data contained in the memory location specified
by the addresses presented during the previous clock rise of the read cycle. The direction of the
pins is controlled by OE. When OE is asserted LOW, the pins behave as outputs. When HIGH,
DQs and DQP[A:D] are placed in a tri-state condition.The outputs are automatically tri-stated during
the data portion of a write sequence, during the first clock when emerging from a deselected state,
and when the device is deselected, regardless of the state of OE.
DQPX
IO-
Synchronous
Bidirectional Data Parity IO Lines. Functionally, these signals are identical to DQs. During write
sequences, DQPX is controlled by BWX correspondingly.
MODE
Input Strap Pin Mode Input. Selects the burst order of the device. When tied to Gnd selects linear burst sequence.
When tied to VDD or left floating selects interleaved burst sequence.
VDD
Power Supply Power Supply Inputs to the Core of the Device.
VDDQ
IO Power
Supply
Power Supply for IO Circuitry.
VSS
Ground
Ground for the Device.
[+] Feedback


Similar Part No. - CY7C1461AV33-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1461AV33-133BZC CYPRESS-CY7C1461AV33-133BZC Datasheet
1Mb / 31P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33-133BZC CYPRESS-CY7C1461AV33-133BZC Datasheet
511Kb / 29P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1461AV33-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1461AV33 CYPRESS-CY7C1461AV33 Datasheet
1Mb / 31P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_06 Datasheet
511Kb / 29P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_06 Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com