Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84143B0066R110 Datasheet(PDF) 2 Page - EPCOS

Part # B84143B0066R110
Description  EMC filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143B0066R110 Datasheet(HTML) 2 Page - EPCOS

  B84143B0066R110 Datasheet HTML 1Page - EPCOS B84143B0066R110 Datasheet HTML 2Page - EPCOS B84143B0066R110 Datasheet HTML 3Page - EPCOS B84143B0066R110 Datasheet HTML 4Page - EPCOS B84143B0066R110 Datasheet HTML 5Page - EPCOS B84143B0066R110 Datasheet HTML 6Page - EPCOS B84143B0066R110 Datasheet HTML 7Page - EPCOS B84143B0066R110 Datasheet HTML 8Page - EPCOS B84143B0066R110 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3-line filters
B84143B*R110
for converters and power electronics
Power line filters for 3-phase systems
Rated voltage 520/300 V AC, 50/60 Hz
Rated current 8 to 200 A
Construction
3-line filter
Metal case
Book size
Features
■ Very high insertion loss
■ Optimized leakage current
■ Space saving by optimized footprint
■ Litz wires on the load side reduce mounting time
■ Low weight
Degree of protection: IP 201)
■ Optimized for long motor cables and operation
under full load
Design complies with
EN 133200, UL 1283, CSA C22.2 No.8
UL and cUL approval pending
Applications
Frequency converters for motor drives, e.g.
elevators, pumps, traction systems, conveyor systems,
HVAC systems (heating, ventilation and air conditioning)
Wind farms
Power supplies
Terminals
Line side: Finger-safe terminal blocks
Load side: Litz wires
Marking
Marking on component:
Manufacturer’s logo, ordering code,
rated voltage, rated current, rated temperature,
climatic category, date code
Minimum marking on packaging:
Manufacturer’s logo, ordering code
1) To IEC 60529
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
2


Similar Part No. - B84143B0066R110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84143B0012R000 EPCOS-B84143B0012R000 Datasheet
165Kb / 9P
   EMC filters
B84143B0016R000 EPCOS-B84143B0016R000 Datasheet
165Kb / 9P
   EMC filters
B84143B0025R000 EPCOS-B84143B0025R000 Datasheet
165Kb / 9P
   EMC filters
B84143B0036R000 EPCOS-B84143B0036R000 Datasheet
165Kb / 9P
   EMC filters
More results

Similar Description - B84143B0066R110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com