Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84143V0320R127 Datasheet(PDF) 8 Page - EPCOS

Part # B84143V0320R127
Description  3-line sine-wave EMC output filters for converters and power electronics -SineFormer-
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143V0320R127 Datasheet(HTML) 8 Page - EPCOS

  B84143V0320R127 Datasheet HTML 1Page - EPCOS B84143V0320R127 Datasheet HTML 2Page - EPCOS B84143V0320R127 Datasheet HTML 3Page - EPCOS B84143V0320R127 Datasheet HTML 4Page - EPCOS B84143V0320R127 Datasheet HTML 5Page - EPCOS B84143V0320R127 Datasheet HTML 6Page - EPCOS B84143V0320R127 Datasheet HTML 7Page - EPCOS B84143V0320R127 Datasheet HTML 8Page - EPCOS B84143V0320R127 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
07/07
3-line filters
Sine-wave EMC output filters
 SineFormer
B84143V*R127
Please read Cautions and warnings and
Important notes at the end of this document.
Cautions and warnings
Please note the advices in our data book “EMC Filters” (latest edition). Attention should be paid
to the chapter “General safety notes”.
It shall be ensured that only qualified persons (electricity specialists) are engaged on work such
as planning, assembly, installation, operation, repair and maintenance. They must be provided
with the corresponding documentation.
Danger of electric shock. SineFormer contain components that store an electric charge. Danger-
ous voltages can continue to exist at the filter terminals for longer than five minutes even after
the power has been switched off.
The protective earth connections shall be the first to be made when the SineFormer is installed
and the last to be disconnected. Depending on the magnitude of the leakage currents, the par-
ticular specifications for making the protective-earth connection must be observed.
Impermissible overloading of the SineFormer, such as with circuits able to cause resonances,
impermissible voltages at higher frequencies etc. can lead to bodily injury and death as well as
cause substantial material damages (e.g. destruction of the filter housing).
SineFormer must be protected in the application against impermissible exceeding of the rated
currents by overcurrent protective.
In case of leakage currents
> 3.5 mA you shall mount the PE conductor stationary with the re-
quired cross section before beginning of operation and save it against disconnecting. For leak-
age currents IL1) < 10 mA the PE conductor must have a KU value2) of 4.5; for leakage currents
IL ≥ 10 mA the PE conductor must have a KU value of 6.
The information, specifications and values contained in this data sheet are based on our know-
lege of typical requirements that are often placed on SineFormer. It is incumbent on the customer
to check and decide whether this SineFormer is suitable for use in a particular application.
In particular the values with regard to “temperature” and “noise” have to be observed.
1) IL = leakage current
2) The KU value (symbol KU) is a classification parameter of safety-referred failure types designed to ensure protec-
tion against hazardous body currents and excessive heating.
A value of KU = 4.5 with respect to interruptions is attained:
− with a permanently connected protective earth circuit 1.5 mm2
− with a protective earth circuit 2.5 mm2 connected via shroud connectors (IEC 60309-2).
KU = 6 with respect to interruptions is achieved for fixed-connection lines 10 mm2 where the type of connection
and line layout correspond to the requirements for PEN conductors as specified in relevant standards.


Similar Part No. - B84143V0320R127

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143V0320R227 EPCOS-B84143V0320R227 Datasheet
224Kb / 9P
   3-line filters Sine-wave output filter
B84143V0320R290 EPCOS-B84143V0320R290 Datasheet
2Mb / 11P
   3−line sine−wave EMC output filters for converters and power electronics
More results

Similar Description - B84143V0320R127

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143V0095R290 EPCOS-B84143V0095R290 Datasheet
2Mb / 11P
   3−line sine−wave EMC output filters for converters and power electronics
B84143-V6-R27 EPCOS-B84143-V6-R27 Datasheet
183Kb / 5P
   3-Line Filters Sine-Wave Output Filters
B84143-A8-R EPCOS-B84143-A8-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143-B150-S20 EPCOS-B84143-B150-S20 Datasheet
220Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143A0025R021 EPCOS-B84143A0025R021 Datasheet
269Kb / 12P
   3-line filters for converters and power electronics
B84143-G-R110 EPCOS-B84143-G-R110 Datasheet
236Kb / 8P
   3-Line Filters for Converters and Power Electronics
B84143-A6-R206 EPCOS-B84143-A6-R206 Datasheet
170Kb / 6P
   3-Line Filters for Converters and Power Electronics
B84143-A25-R21 EPCOS-B84143-A25-R21 Datasheet
188Kb / 7P
   3-Line Filters for Converters and Power Electronics
B84143D0016R127 EPCOS-B84143D0016R127 Datasheet
561Kb / 17P
   3-line filters for converters and power electronics
B84143-B8-R EPCOS-B84143-B8-R Datasheet
170Kb / 7P
   3-Line Filters for Converters and Power Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com