Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101Q3-SFXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14B101Q3-SFXIT
Description  1 Mbit (128K x 8) Serial SPI nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101Q3-SFXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14B101Q3-SFXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B101Q3-SFXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101Q3-SFXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101Q3-SFXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101Q3-SFXIT Datasheet HTML 9Page - Cypress Semiconductor CY14B101Q3-SFXIT Datasheet HTML 10Page - Cypress Semiconductor CY14B101Q3-SFXIT Datasheet HTML 11Page - Cypress Semiconductor CY14B101Q3-SFXIT Datasheet HTML 12Page - Cypress Semiconductor CY14B101Q3-SFXIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CY14B101Q1
CY14B101Q2
CY14B101Q3
Document #: 001-50091 Rev. *D
Page 9 of 24
Status Register
The status register bits are listed in Table 3. The status register consists of Ready bit (RDY) and data protection bits BP1, BP0, WEN,
and WPEN. The RDY bit can be polled to check the Ready or Busy status while a nvSRAM STORE cycle is in progress. The status
register can be modified by WRSR instruction and read by RDSR instruction. However, only WPEN, BP1, and BP0 bits of the Status
Register can be modified by using WRSR instruction. WRSR instruction has no effect on WEN and RDY bits. The default value shipped
from the factory for BP1, BP2 and WPEN bits is ‘0’.
Read Status Register (RDSR) Instruction
The Read Status Register instruction provides access to the
status register. This instruction is used to probe the Write Enable
Status of the device or the Ready status of the device. RDY bit
is set by the device to 1 whenever a STORE cycle is in progress.
The Block Protection and WPEN bits indicate the extent of
protection employed.
This instruction is issued after the falling edge of CS using the
opcode for RDSR.
Write Status Register (WRSR) Instruction
The WRSR instruction enables the user to write to the Status
register. However, this instruction cannot be used to modify bit 0
and bit 1 (WEN and RDY). The BP0 and BP1 bits can be used
to select one of four levels of block protection. Further, WPEN bit
can be set to ‘1’ to enable the use of Write Protect (WP) pin.
WRSR instruction is a write instruction and needs writes to be
enabled (WEN bit set to ‘1’) using the WREN instruction before
it is issued. The instruction is issued after the falling edge of CS
using the opcode for WRSR followed by 8 bits of data to be
stored in the Status Register. Since, only bits 2, 3, and 7 can be
modified by WRSR instruction, it is recommended to leave the
other bits as ‘0’ while writing to the Status Register
Note In CY14B101Q1/CY14B101Q2/CY14B101Q3, the values
written to Status Register are saved to nonvolatile memory only
after a STORE operation. If AutoStore is disabled (or while using
CY14B101Q1), any modifications to the Status Register must be
secured by using a Software STORE operation
Note CY14B101Q2 does not have WP pin. Any modification to
bit 7 of the Status register has no effect on the functionality of
CY14B101Q2.
Table 4. Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN (0)
X
X
X
BP1 (0)
BP0 (0)
WEN
RDY
Table 5. Status Register Bit Definition
Bit
Definition
Description
Bit 0 (RDY)
Ready
Read Only bit indicates the ready status of device to perform a memory access. This bit is
set to “1” by the device while a STORE or Software RECALL cycle is in progress.
Bit 1 (WEN)
Write Enable
WEN indicates if the device is write-enabled. Setting WEN = '1' enables writes and setting
WEN = '0' disables all write operations
Bit 2 (BP0)
Block Protect bit ‘0’
Used for block protection. For details see Table 6 on page 10.
Bit 3 (BP1)
Block Protect bit ‘1’
Used for block protection. For details see Table 6 on page 10.
Bit 7 (WPEN)
Write Protect Enable bit Used for enabling the function of Write Protect Pin (WP). For details see Table 7 on page 11.
Figure 7. Read Status Register (RDSR) Instruction Timing
CS
SCK
SO
0123456 7
SI
0000 0 1
0
0
1
MSB
LSB
HI-Z
0 12345
6 7
Data
LSB
D0
D1
D2
D3
D4
D5
D6
MSB
D7


Similar Part No. - CY14B101Q3-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q3-SFXIT CYPRESS-CY14B101Q3-SFXIT Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
More results

Similar Description - CY14B101Q3-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14V101QS CYPRESS-CY14V101QS Datasheet
1Mb / 55P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com