Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101Q3-SFXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B101Q3-SFXI
Description  1 Mbit (128K x 8) Serial SPI nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101Q3-SFXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B101Q3-SFXI Datasheet HTML 6Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 9Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 10Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 11Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 12Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 13Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CY14B101Q1
CY14B101Q2
CY14B101Q3
Document #: 001-50091 Rev. *D
Page 10 of 24
Write Protection and Block Protection
CY14B101Q1/CY14B101Q2/CY14B101Q3 provides features
for both software and hardware write protection using WRDI
instruction and WP. Additionally, this device also provides block
protection mechanism through BP0 and BP1 pins of the Status
Register.
The write enable and disable status of the device is indicated by
WEN bit of the status register. The write instructions (WRSR and
WRITE) and nvSRAM special instruction (STORE, RECALL,
ASENB, and ASDISB) need the write to be enabled (WEN bit =
1) before they can be issued.
Write Enable (WREN) Instruction
On power up, the device is always in the write disable state. The
following WRITE, WRSR, or nvSRAM special instruction must
therefore be preceded by a Write Enable instruction. If the device
is not write enabled (WEN = ‘0’), it ignores the write instructions
and returns to the standby state when CS is brought HIGH. A
new CS falling edge is required to re-initiate serial communi-
cation. The instruction is issued following the falling edge of CS.
When this instruction is used, the WEN bit of status register is
set to ‘1’. WEN bit defaults to ‘0’ on power up.
Note After completion of a write instruction (WRSR or WRITE)
or nvSRAM special instruction (STORE, RECALL, ASENB, and
ASDISB) instruction, WEN bit is cleared to ‘0’. This is done to
provide protection from any inadvertent writes. Therefore,
WREN instruction needs to be used before a new write
instruction is issued.
Write Disable (WRDI) Instruction
Write Disable instruction disables the write by clearing the WEN
bit to ‘0’ in order to protect the device against inadvertent writes.
This instruction is issued following falling edge of CS followed by
opcode for WRDI instruction. The WEN bit is cleared on the
rising edge of CS following a WRDI instruction.
Block Protection
Block protection is provided using the BP0 and BP1 pins of the
Status register. These bits can be set using WRSR instruction
and probed using the RDSR instruction. The nvSRAM is divided
into four array segments. One-quarter, one-half, or all of the
memory segments can be protected. Any data within the
protected segment is read only. Table 6 shows the function of
Block Protect bits.
Figure 8. Write Status Register (WRSR) Instruction Timing
CS
SCK
SO
0 1 2 3
4567
SI
0000 0 0 0 1
MSB
LSB
0
0
D2
D3
0
0
0
D7
HI-Z
0 12345
67
Opcode
Data in
Figure 9. WREN Instruction
0
0
0
0
0
1
1
0
CS
SCK
SI
SO
Hi-Z
0
1
2
3
4
5
6
7
Figure 10. WRDI Instruction
Table 6. Block Write Protect Bits
Level
Status Register
Bits
Array Addresses Protected
BP1
BP0
00
0
None
1 (1/4)
0
1
0x18000-0x1FFFF
2 (1/2)
1
0
0x10000-0x1FFFF
3 (All)
1
1
0x00000-0x1FFFF
0
0
0
00
1
00
CS
SCK
SI
SO
Hi-Z
0
1
2
3
4
5
6
7


Similar Part No. - CY14B101Q3-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q3-SFXI CYPRESS-CY14B101Q3-SFXI Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q3-SFXIT CYPRESS-CY14B101Q3-SFXIT Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
More results

Similar Description - CY14B101Q3-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14V101QS CYPRESS-CY14V101QS Datasheet
1Mb / 55P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com