Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CLED16-48LFXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8CLED16-48LFXIT
Description  EZ-Color??HB-LED Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED16-48LFXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8CLED16-48LFXIT Datasheet HTML 1Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 2Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 3Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 4Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 5Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 6Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 7Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 8Page - Cypress Semiconductor CY8CLED16-48LFXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
CY8CLED16
EZ-Color™ HB-LED Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-13105 Rev. *C
Revised January 15, 2010
Features
HB LED Controller
Configurable Dimmers Support up to 16
Independent LED Channels
8 to 32 Bits of Resolution per Channel
Dynamic Reconfiguration Enables LED Controller Plus Other
Features: CapSense, Battery Charging, and Motor Control
Visual Embedded Design
LED-Based Drivers
• Binning compensation
• Temperature Feedback
• Optical Feedback
•DMX512
PrISM Modulation Technology
Reduces Radiated EMI
Reduces Low Frequency Blinking
Powerful Harvard Architecture Processor
M8C Processor Speeds to 24 MHz
3.0 to 5.25V Operating Voltage
Operating Voltages Down to 1.0V using
On-Chip Switch Mode Pump (SMP)
Industrial Temperature Range: -40°C to +85°C
Programmable Pin Configurations
25 mA Sink, 10 mA Source on all GPIO
Pull Up, Pull Down, High Z, Strong, or Open Drain Drive
Modes on all GPIO
Up to Eight Analog Inputs on GPIO
Configurable Interrupt on all GPIO
Advanced Peripherals (PSoC
® Blocks)
16 Digital PSoC Blocks Provide:
• 8 to 32-Bit Timers, Counters, and PWMs
• Up to 4 Full-Duplex UARTs
• Multiple SPI Masters or Slaves
• Connectable to all GPIO Pins
12 Rail-to-Rail Analog PSoC Blocks Provide:
• Up to 14-Bit ADCs
• Up to 9-Bit DACs
• Programmable Gain Amplifiers
• Programmable Filters and Comparators
Complex Peripherals by Combining Blocks
Flexible On-Chip Memory
32K Flash Program Storage 50,000 Erase/Write Cycles
2K SRAM Data Storage
In-System Serial Programming (ISSP)
Partial Flash Updates
Flexible Protection Modes
EEPROM Emulation in Flash
Complete Development Tools
Free Development Software
• PSoC Designer™
Full-Featured, In-Circuit Emulator and Programmer
Full Speed Emulation
Complex Breakpoint Structure
128 KBytes Trace Memory
EZ-Color HB LED Controller
Preliminary Data Sheet
[+] Feedback


Similar Part No. - CY8CLED16-48LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED16-48LFXIT CYPRESS-CY8CLED16-48LFXIT Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
More results

Similar Description - CY8CLED16-48LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED08 CYPRESS-CY8CLED08_10 Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
CY8CLED02 CYPRESS-CY8CLED02_10 Datasheet
931Kb / 39P
   EZ-Color??HB LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
1Mb / 33P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08 Datasheet
1Mb / 37P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04_10 Datasheet
996Kb / 37P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08_11 Datasheet
615Kb / 52P
   EZ-Color??HB LED Controller Binning compensation
CY8CLED16_1106 CYPRESS-CY8CLED16_1106 Datasheet
648Kb / 53P
   EZ-Color HB LED Controller Visual embedded design Binning compensation
logo
Maxim Integrated Produc...
MAX25611A MAXIM-MAX25611A Datasheet
1Mb / 25P
   Automotive High-Voltage HB LED Controller
Rev 1; 1/19
logo
Shenzhen Huazhimei Semi...
HM2803 HMSEMI-HM2803 Datasheet
1Mb / 8P
   HB-LED driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com