Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84144G1000S000 Datasheet(PDF) 7 Page - EPCOS

Part # B84144G1000S000
Description  4-line EMC filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84144G1000S000 Datasheet(HTML) 7 Page - EPCOS

Back Button B84144G1000S000 Datasheet HTML 3Page - EPCOS B84144G1000S000 Datasheet HTML 4Page - EPCOS B84144G1000S000 Datasheet HTML 5Page - EPCOS B84144G1000S000 Datasheet HTML 6Page - EPCOS B84144G1000S000 Datasheet HTML 7Page - EPCOS B84144G1000S000 Datasheet HTML 8Page - EPCOS B84144G1000S000 Datasheet HTML 9Page - EPCOS B84144G1000S000 Datasheet HTML 10Page - EPCOS B84144G1000S000 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
6
01/06
Please read Cautions and warnings and
Important notes
at the end of this document.
B84144A0080R000 (80 A)
B84144A0120R000, B84144A0150R000 (120 A, 150 A)
SSB2222-Y-E
115±0.2
LINE
LOAD
221 max.
300 max.
PE M10 x 32
18±1
141 max.
2
Terminal blocks 25 mm
6.6±0.2
110±0.4
4 x M6 x 6
Marking
Tightening torque 4 ... 4.5 Nm
SSB2223-7-E
6.6±0.2
115±0.2
LINE
LOAD
261 max.
348 max.
PE M10 x 32
2
Terminal blocks 50 mm
110±0.4
18±1
4 x M6 x 6
141 max.
Marking
Tightening torque 6 ... 8 Nm
B84144A*R, B84144G*S
4-line filters
for converters and power electronics


Similar Part No. - B84144G1000S000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84144 EPCOS-B84144 Datasheet
261Kb / 13P
   4-Line Filters for Converters and Power Electronics
B84144-A120-R EPCOS-B84144-A120-R Datasheet
261Kb / 13P
   4-Line Filters for Converters and Power Electronics
B84144-A150-R EPCOS-B84144-A150-R Datasheet
261Kb / 13P
   4-Line Filters for Converters and Power Electronics
B84144-A16-R EPCOS-B84144-A16-R Datasheet
261Kb / 13P
   4-Line Filters for Converters and Power Electronics
B84144-A180-R EPCOS-B84144-A180-R Datasheet
261Kb / 13P
   4-Line Filters for Converters and Power Electronics
More results

Similar Description - B84144G1000S000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FQA020ADC-007-S TDK-FQA020ADC-007-S Datasheet
187Kb / 1P
   Power Line EMC Filters
B84743A0150R712 TDK-B84743A0150R712 Datasheet
293Kb / 2P
   Power Line EMC Filters
B84743A0100R712 TDK-B84743A0100R712 Datasheet
290Kb / 2P
   Power Line EMC Filters
B84743C0150R712 TDK-B84743C0150R712 Datasheet
293Kb / 2P
   Power Line EMC Filters
FQA020ADC-007-M TDK-FQA020ADC-007-M Datasheet
187Kb / 1P
   Power Line EMC Filters
FQB020ADC-007-M TDK-FQB020ADC-007-M Datasheet
199Kb / 2P
   Power Line EMC Filters
B84743C0080R712 TDK-B84743C0080R712 Datasheet
291Kb / 2P
   Power Line EMC Filters
B84743D0150R712 TDK-B84743D0150R712 Datasheet
292Kb / 2P
   Power Line EMC Filters
FQB020ADC-007-S TDK-FQB020ADC-007-S Datasheet
199Kb / 2P
   Power Line EMC Filters
B84743E0150R712 TDK-B84743E0150R712 Datasheet
292Kb / 2P
   Power Line EMC Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com