Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC40 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC40
Description  Rotary Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC40 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RDC40 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RDC40 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Piezo
Sensor
21
Magnetic
Sensor
Resistive
Sensor
2T
3T
2T
1T
R5.5
4-0.8
5
11
1
3
0.1
3.5
Mounting face
5
ø
3.5
3T
1T
2T
Term. No.
32
28
26.6
56.4
10
10.6
CCW
CW
A
No.
Style
Photo
1
Dimensions
Unit:mm
2
RDC40
(Multiple turns type)
RDC502
(Vertical type)
3
4
RDC501
(Horizontal type)
RDC501
(Horizontal type, V3.5 dia with radius)
2
2
0.5
0.5
1.9
0.1
3T
2T
1T
0.8
5
ø3.5
11
11
ø3.5
1
3
0.1
3.5
Mounting face
4-0.8
5
5
2T
3T
2T
1T
Detail
A
Rotary Type
RDC40/RDC50 Series
Resistive Sensors


Similar Part No. - RDC40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
   Radial Drum Core Inductors
logo
XP Power Limited
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
logo
Allied Components Inter...
RDC40-100K-RC ALLIED-RDC40-100K-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC40-100K-RC ALLIED-RDC40-100K-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC40-101K-RC ALLIED-RDC40-101K-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
More results

Similar Description - RDC40

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RDC80 ALPS-RDC80 Datasheet
180Kb / 4P
   Rotary Type
RK168 ALPS-RK168 Datasheet
284Kb / 5P
   Rotary Motor-driven Type
logo
List of Unclassifed Man...
LPD3806-360BM ETC2-LPD3806-360BM Datasheet
162Kb / 3P
   Incremental type two-phase rotary encoder
logo
ALPS ELECTRIC CO.,LTD.
SDKZ ALPS-SDKZ Datasheet
262Kb / 4P
   Rotary Type Power Switch with Encorder
logo
List of Unclassifed Man...
RV24AF-10D2-15F-A50K ETC-RV24AF-10D2-15F-A50K Datasheet
632Kb / 4P
   24mm Rotary Type, Metal Shaft Series
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
logo
ALPS ELECTRIC CO.,LTD.
SDKZ ALPS-SDKZ_15 Datasheet
918Kb / 5P
   Rotary type power switch with encoder
logo
Purdy Electronics Corpo...
RDS10-312 PURDY-RDS10-312 Datasheet
159Kb / 2P
   Wheel/Indicator Type Rotary DIP Code Switches
RDS10-112 PURDY-RDS10-112 Datasheet
151Kb / 2P
   Flat/Flush Shaft Type Rotary DIP Code Switches
logo
SHINMEI ELECTRIC CO., L...
SSS-61MD SHINMEI-SSS-61MD Datasheet
65Kb / 3P
   Body height 1.6mm, Heavy-torque Type Rotary-Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com