Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC503013A Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC503013A
Description  Rotary Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC503013A Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RDC503013A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC503013A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC503013A Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC503013A Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RDC503013A Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RDC503013A Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Piezo
Sensor
22
Magnetic
Sensor
Resistive
Sensor
No.
Style
Photo
Dimensions
Unit:mm
6
RDC503
(Reflow type, V3.5 dia with radius)
11
5
0.8
ø3.5
0.8
0.1
2.75
5
Mounting face
1T
2T
3T
2T
7
ø4
2T
R5.5
2. 2
0.8
Mounting face
R1.5
1T
5
0.8
1. 2
8.5
11
2T
3T
RDC506
(Reflow type, low-profile)
RDC40
RDC50
3T
2T
1T
CCW
3T
1T
2T
CW
Circuit Diagram
RDC503
(Reflow type)
5
ø3.5
2T
0.1
2.75
0.8
0.8
3T
2T
1T
5
5
11
Mounting face
Rotary Type
RDC40/RDC50 Series
Resistive Sensors


Similar Part No. - RDC503013A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RDC503013A ALPS-RDC503013A Datasheet
2Mb / 6P
   Rotary sensors catering to diverse position detection needs
More results

Similar Description - RDC503013A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RDC80 ALPS-RDC80 Datasheet
180Kb / 4P
   Rotary Type
RK168 ALPS-RK168 Datasheet
284Kb / 5P
   Rotary Motor-driven Type
logo
List of Unclassifed Man...
LPD3806-360BM ETC2-LPD3806-360BM Datasheet
162Kb / 3P
   Incremental type two-phase rotary encoder
logo
ALPS ELECTRIC CO.,LTD.
SDKZ ALPS-SDKZ Datasheet
262Kb / 4P
   Rotary Type Power Switch with Encorder
logo
List of Unclassifed Man...
RV24AF-10D2-15F-A50K ETC-RV24AF-10D2-15F-A50K Datasheet
632Kb / 4P
   24mm Rotary Type, Metal Shaft Series
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
logo
ALPS ELECTRIC CO.,LTD.
SDKZ ALPS-SDKZ_15 Datasheet
918Kb / 5P
   Rotary type power switch with encoder
logo
Purdy Electronics Corpo...
RDS10-312 PURDY-RDS10-312 Datasheet
159Kb / 2P
   Wheel/Indicator Type Rotary DIP Code Switches
RDS10-112 PURDY-RDS10-112 Datasheet
151Kb / 2P
   Flat/Flush Shaft Type Rotary DIP Code Switches
logo
SHINMEI ELECTRIC CO., L...
SSS-61MD SHINMEI-SSS-61MD Datasheet
65Kb / 3P
   Body height 1.6mm, Heavy-torque Type Rotary-Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com