Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK12L1230C0K Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK12L1230C0K
Description  12mm Size Insulated Shaft Snap-in Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK12L1230C0K Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK12L1230C0K Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK12L1230C0K Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK12L1230C0K Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK12L1230C0K Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
379
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
12mm Size Insulated Shaft Snap-in Type Potentiometer
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Total Resistance Variety
Total resistance
(kΩ)
5
10
20
50
100
200
Resistance Taper
Shaft Variety
Dimensions
Terminal Layout/Circuit Diagram
Unit:mm
Unit:mm
Resistance taper
15A
1B
3B
15C
Style
Shaft
variety
LM1
15
20
25
30
R1
4.5
7
12
12
Vertical type
Horizontal type
No.
1
2
Photo
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
(14)
60
˚
0.3
12
2.6
0.6
2
5.9
30
(8.6)
12
Shaft shown in
full CCW position
3.3
2.1
6-ø0.8
holes
60˚
(13)
0.3
12
LM1
(8.6)
(3.5)
R1
(3.2)
Shaft shown in
full CCW position
Mounting
surface
10
13
2
6
2
6-ø0.8
holes
12 3
1
23
2
3
3
2
1
1
Outer
Inner
12 3
R1
R2 1 2 3
Horizontal type without bushing
RK12L121(For tone control)
RK12L12A(For vol. control)
Vertical type without bushing
RK12L123(For tone control)
RK12L12C(For vol. control)
LM1
20
25
30
R1
7
15
4.5
12
12
Refer to P.380, 502 for resistance taper.
R1
LM1
R
1
LM1
marked are specifications recommended by ALPS.
Note


Similar Part No. - RK12L1230C0K

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L1230C0K ALPS-RK12L1230C0K Datasheet
705Kb / 5P
   High performance 12mm wide type
logo
List of Unclassifed Man...
RK12L1230C0K ETC-RK12L1230C0K Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK12L1230C0K

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com