Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK14K Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14K
Description  14mm Size Insulated Shaft Snap-in Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14K Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK14K Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14K Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14K Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14K Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14K Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
383
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
14mm Size Insulated Shaft Snap-in Type Potentiometer
For tone and for volume
(15C)
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Total Resistance Variety
Total resistance
(kΩ)
5
10
20
50
100
Resistance Taper
Tapped Types are Also Available
Shaft Variety
Resistance taper
15A
1B
3B
15C
RK14K12
(for audio volume control)is also available with tap.
Style
Detail
dimensions
Without bushing
Horizontal type
Vertical type
Horizontal type
Vertical type
With bushing
Unit:mm
R1
LM1
R1
LM1
R1
L1
LB
LM1
R1
L1
LB
LM1
15
___
20
25
30
LM1
20
22.5
25
27.5
30
32.5
___
___
___
L1
12.5
15
17.5
20
22.5
25
4.5
7
12
12
R1
7
7
12
12
12
12
___
___
___
___
LB
5
5
5
5
5
5
Knob dimensions
4.5
C0.5
LM1 =15 only application
1.5
R1
Terminal Layout/Circuit Diagram
Without tap for volume
With tap for volume
2
3
1
1
Dummy
Dummy
1
1
2
2
3
3
2
3
1
2
3
3
1
4
4
2
1
1
2
2
3
3
4
4
12
3
2
3
1
Dummy
1
1
2
2
3
3
Refer to P.384, 502 for resistance taper.
marked are specifications recommended by ALPS.
Note


Similar Part No. - RK14K

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14K1210A1B ALPS-RK14K1210A1B Datasheet
797Kb / 6P
   A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
List of Unclassifed Man...
RK14K1210A1B ETC-RK14K1210A1B Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK14K1220024 ALPS-RK14K1220024 Datasheet
797Kb / 6P
   A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
List of Unclassifed Man...
RK14K1220024 ETC-RK14K1220024 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK14K1220A0F ALPS-RK14K1220A0F Datasheet
797Kb / 6P
   A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
More results

Similar Description - RK14K

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
   5mm Size Hollow Shaft Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com