Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84771C0010A000 Datasheet(PDF) 4 Page - EPCOS

Part # B84771C0010A000
Description  2-line filters IEC inlet filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84771C0010A000 Datasheet(HTML) 4 Page - EPCOS

  B84771C0010A000 Datasheet HTML 1Page - EPCOS B84771C0010A000 Datasheet HTML 2Page - EPCOS B84771C0010A000 Datasheet HTML 3Page - EPCOS B84771C0010A000 Datasheet HTML 4Page - EPCOS B84771C0010A000 Datasheet HTML 5Page - EPCOS B84771C0010A000 Datasheet HTML 6Page - EPCOS B84771C0010A000 Datasheet HTML 7Page - EPCOS B84771C0010A000 Datasheet HTML 8Page - EPCOS B84771C0010A000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2−line filters
B84771*A000
IEC inlet filters
Technical data and measuring conditions of B84771*A000
Rated voltage
UR
250
V DC/AC
Rated frequency
fR
50/60
Hz
Test voltage line to line for 2 s (1 ... 15 A types)
Utest
1000
V AC
Test voltage line to line for 2 s (16 ... 20 A types)
Utest
1100
V DC
Test voltage line to case for 2 s (B84771A/C*)
Utest
2000
V AC
Test voltage line to case for 2 s (B84771M*)
Utest
2500
V AC
Rated temperature
TR
50
°C
Climatic category (IEC 60068−1)
25/085/21
Please read and Cautions and warnings and
Important notes at the end of this document.
Page 4 of 15
B84771-*-A000-06-7659


Similar Part No. - B84771C0010A000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84773A0001A000 EPCOS-B84773A0001A000 Datasheet
195Kb / 11P
   2-line filters IEC inlet filters
B84773A0002A000 EPCOS-B84773A0002A000 Datasheet
195Kb / 11P
   2-line filters IEC inlet filters
B84773A0004A000 EPCOS-B84773A0004A000 Datasheet
195Kb / 11P
   2-line filters IEC inlet filters
B84773A0006A000 EPCOS-B84773A0006A000 Datasheet
195Kb / 11P
   2-line filters IEC inlet filters
B84773A0010A000 EPCOS-B84773A0010A000 Datasheet
195Kb / 11P
   2-line filters IEC inlet filters
More results

Similar Description - B84771C0010A000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84773A0001A000 EPCOS-B84773A0001A000 Datasheet
195Kb / 11P
   2-line filters IEC inlet filters
B84776A0001A000 EPCOS-B84776A0001A000 Datasheet
194Kb / 12P
   2-line filters IEC inlet filters
logo
Delta Electronics, Inc.
06GEEW3QM DELTA-06GEEW3QM Datasheet
452Kb / 2P
   IEC INLET FILTERS
10GEEW3EM DELTA-10GEEW3EM Datasheet
1Mb / 2P
   IEC INLET FILTERS
logo
Kemet Corporation
FBNAB2100ZE200 KEMET-FBNAB2100ZE200 Datasheet
8Mb / 5P
   IEC Inlet Filters
logo
Delta Electronics, Inc.
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
   HIGH PERFORMANCE IEC INLET FILTERS
08KENG3EAM-R DELTA-08KENG3EAM-R Datasheet
72Kb / 1P
   HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
logo
EPCOS
B84112-B-A10 EPCOS-B84112-B-A10 Datasheet
144Kb / 8P
   2-Line Filters
logo
List of Unclassifed Man...
RIQ0242H2 ETC1-RIQ0242H2 Datasheet
167Kb / 2P
   POWERLINE SERIES IEC INLET FILTERS SWITCHED AND FUSED
logo
API Technologies Corp
11-MPC-001-2-B APITECH-11-MPC-001-2-B Datasheet
2Mb / 31P
   Power Line Filters Appliance Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com