Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2366 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2366
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2366 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2366 Datasheet HTML 7Page - NXP Semiconductors LPC2366 Datasheet HTML 8Page - NXP Semiconductors LPC2366 Datasheet HTML 9Page - NXP Semiconductors LPC2366 Datasheet HTML 10Page - NXP Semiconductors LPC2366 Datasheet HTML 11Page - NXP Semiconductors LPC2366 Datasheet HTML 12Page - NXP Semiconductors LPC2366 Datasheet HTML 13Page - NXP Semiconductors LPC2366 Datasheet HTML 14Page - NXP Semiconductors LPC2366 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
11 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
P0[27]/SDA0
25[4]
J2[4]
I/O
P0[27] — General purpose digital input/output pin. Output is open-drain.
I/O
SDA0 — I2C0 data input/output. Open-drain output (for I2C-bus
compliance).
P0[28]/SCL0
24[4]
J1[4]
I/O
P0[28] — General purpose digital input/output pin. Output is open-drain.
I/O
SCL0 — I2C0 clock input/output. Open-drain output (for I2C-bus
compliance).
P0[29]/USB_D+
29[5]
J3[5]
I/O
P0[29] — General purpose digital input/output pin.
I/O
USB_D+ — USB bidirectional D+ line. (LPC2364/66/68 only)
P0[30]/USB_D
30[5]
G4[5]
I/O
P0[30] — General purpose digital input/output pin.
I/O
USB_D
− — USB bidirectional D− line. (LPC2364/66/68 only)
P1[0] to P1[31]
I/O
Port 1: Port 1 is a 32-bit I/O port with individual direction controls for each
bit. The operation of Port 1 pins depends upon the pin function selected via
the pin connect block. Pins 2, 3, 5, 6, 7, 11, 12, and 13 of this port are not
available.
P1[0]/
ENET_TXD0
95[1]
D5[1]
I/O
P1[0] — General purpose digital input/output pin.
O
ENET_TXD0 — Ethernet transmit data 0.
P1[1]/
ENET_TXD1
94[1]
B4[1]
I/O
P1[1] — General purpose digital input/output pin.
O
ENET_TXD1 — Ethernet transmit data 1.
P1[4]/
ENET_TX_EN
93[1]
A4[1]
I/O
P1[4] — General purpose digital input/output pin.
O
ENET_TX_EN — Ethernet transmit data enable.
P1[8]/
ENET_CRS
92[1]
C5[1]
I/O
P1[8] — General purpose digital input/output pin.
I
ENET_CRS — Ethernet carrier sense.
P1[9]/
ENET_RXD0
91[1]
B5[1]
I/O
P1[9] — General purpose digital input/output pin.
I
ENET_RXD0 — Ethernet receive data.
P1[10]/
ENET_RXD1
90[1]
A5[1]
I/O
P1[10] — General purpose digital input/output pin.
I
ENET_RXD1 — Ethernet receive data.
P1[14]/
ENET_RX_ER
89[1]
D6[1]
I/O
P1[14] — General purpose digital input/output pin.
I
ENET_RX_ER — Ethernet receive error.
P1[15]/
ENET_REF_CLK
88[1]
C6[1]
I/O
P1[15] — General purpose digital input/output pin.
I
ENET_REF_CLK — Ethernet reference clock.
P1[16]/
ENET_MDC
87[1]
A6[1]
I/O
P1[16] — General purpose digital input/output pin.
O
ENET_MDC — Ethernet MIIM clock.
P1[17]/
ENET_MDIO
86[1]
B6[1]
I/O
P1[17] — General purpose digital input/output pin.
I/O
ENET_MDIO — Ethernet MIIM data input and output.
P1[18]/
USB_UP_LED/
PWM1[1]/
CAP1[0]
32[1]
H4[1]
I/O
P1[18] — General purpose digital input/output pin.
O
USB_UP_LED — USB GoodLink LED indicator. It is LOW when device is
configured (non-control endpoints enabled). It is HIGH when the device is
not configured or during global suspend. (LPC2364/66/68 only)
O
PWM1[1] — Pulse Width Modulator 1, channel 1 output.
I
CAP1[0] — Capture input for Timer 1, channel 0.
P1[19]/CAP1[1]
33[1]
J4[1]
I/O
P1[19] — General purpose digital input/output pin.
I
CAP1[1] — Capture input for Timer 1, channel 1.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description


Similar Part No. - LPC2366

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2366 PHILIPS-LPC2366 Datasheet
1Mb / 48P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-22 September 2006
LPC2366 NXP-LPC2366 Datasheet
225Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 October 2007
LPC2366 NXP-LPC2366 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC2366 NXP-LPC2366 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2366 NXP-LPC2366 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
More results

Similar Description - LPC2366

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2364 NXP-LPC2364 Datasheet
225Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 October 2007
LPC2364 PHILIPS-LPC2364 Datasheet
1Mb / 48P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-22 September 2006
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
LPC2387 NXP-LPC2387 Datasheet
1Mb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
LPC2387 NXP-LPC2387_08 Datasheet
226Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 February 2008
LPC2365FBD100 NXP-LPC2365FBD100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2364FET100 NXP-LPC2364FET100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2377 NXP-LPC2377 Datasheet
258Kb / 55P
   Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 04-19 November 2008
LPC2377 NXP-LPC2377_10 Datasheet
1Mb / 68P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash withISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 5-17 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com