Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK097111020N Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # RK097111020N
Description  9mm Size Metal Shaft Multi-ganged Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK097111020N Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

Back Button RK097111020N Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. RK097111020N Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
332
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Single-shaft, single-unit
with push-lock mechanism
RK097111T
20.75
25
10
(5.7)
9
8
Total travel
Lock travel
0.8
M7G0.75
R1
C1
60û
9.5
0.912 3
Shaft shown in
full CCW position
4.5
5
Mounting
surface
3-¿1 holes
Single-shaft, single-unit
with momentary push switch
travel 1.5mm
RK0971114-5R4611
12.05
1.5
Switch
Switch travel
0.8
M7G0.75
R1
C1
60û
9.5
0.912 3
Shaft shown in
full CCW position
LB
L1
R
5
5
Mounting
surface
5-ø1 holes
Dimensions
No.
9
10
11
12
Photo
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
Unit:mm
20
25
7
10
10
12
L1
LB
R
Single-shaft, dual-unit
with push-lock mechanism
RK097121T(For tone)
RK097122T(For vol.)
23.25
25
10
(5.7)
9
8
Total travel
Lock travel
0.8
M7G0.75
R2 R1
C1
60û
9.5
0.912 3
Shaft shown in
full CCW position
4.5
5
2.5
Mounting
surface
6-¿1 holes
Single-shaft, dual-unit
with push-lock mechanism and
pull-lock mechanism
RK098122T
34.5
30
10
R2
R1
0.8
M6×0.75
9
8
7
1.5±0.5
10.7)
Total travel
Pull-lock travel
Shaft angle
is not specified.
Lock travel
9.5
0.912 3
6.25
8.75
Mounting
surface
6-¿1 holes
9mm Size Metal Shaft Multi-ganged type
RK097/RK098 Series
Metal Shaft Potentiometer


Similar Part No. - RK097111020N

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK097111020N ALPS-RK097111020N Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
logo
List of Unclassifed Man...
RK097111020N ETC-RK097111020N Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK097111020N

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com