Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA-6775F-L0A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCA-6775F-L0A1E
Description  VIA Mark ISA Half-size SBC, with VGA/LVDS/TTL/LAN/SSD/USB 1.1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCA-6775F-L0A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCA-6775F-L0A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCA-6775F-L0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
PCA-6775
ISA Gold Finger
SDRAM
SDRAM
Onboard
up to 128 MB
VIA Mark
Corefusion 533/800
CRT PORT
FPD CONN
36-bit TTL
FPD CONN
2-ch 18-bit LVDS
66/100/133
SODIMM
up to 512 MB
VIA 686B
CPU
South
Bridge
IDE Connector
40-pin
P-IDE BUS
S-IDE BUS
Flash ROM
ISA Bus
62 level
CPLD
Watch dog timer
Realtek
LAN1 Controller
8100C
Realtek
LAN2 Controller
8100C
Realtek
LAN3 Controller
8100C
PCI Bus
LAN Connector
IDE Connector
44-pin/CFC
USB Ports x 4
FDD Connector
LPT Connector
AC97 Audio
KB/Mouse
PCA9554
8-bit DIO
COM Port
RS-232/422/485
Ordering Information
Part Number
CPU
Onboard Memory FE LAN
PCA-6775F-L0A1E
VIA Mark 533 MHz
128 MB
RTL8100C x 1
PCA-6775F-Q0A1E
VIA Mark 800 MHz
-
RTL8100C x 1
PCA-67753F-Q0A1E VIA Mark 800 MHz
-
RTL8100C x 3
PCA-67753F-L0A1E
VIA Mark 533 MHz
-
RTL8100C x 3
Bracket View
Packing List
Part Number
Description
Quantity
1700060202
Y-cable for PS/2 Keyboard, PS/2 Mouse
x 1
1701400452
E-IDE (HDD) Cable, 2.54 mm pitch
x 1
1701440500
S-IDE (HDD) Cable, 2.0 mm pitch
x 1
1701340603
FDD Cable
x 1
1700260250
Parallel port cable
x 1
1703100260
USB cable with 2 ports
x 1
1701140201
COM port cable (RS-232/422/485)
x 1
1700002343
Power Cable
x 1
9689000002
Jumper pack
x 1
-
Startup manual
x 1
-
Utility CD
x 1
Accessories
Part Number
Description
IPC-644BP-15ZE
4-slot chassis w/150W power supply
IPC-6806SB-15ZBE
6-slot chassis w/150W power supply
1703100260
USB cable with 2 ports (2.0mm pitch)
PCM-231A-00A1E
Audio module with Line-in, Line-out, Mic
PCA-SATAP2-00A1E
IDE/SATA Adapter for CPU cards
PCA-6775F-L0A1E
PCA-6775F-Q0A1E
PCA-67753F-L0A1E
PCA-67753F-Q0A1E


Similar Part No. - PCA-6775F-L0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6742 ADVANTECH-PCA-6742 Datasheet
324Kb / 2P
   ISA half-sized SBC, Advantech EVA-X4300, VGA/LCD/LAN/CFC/USB and PC104
PCA-6742LV-00A1E ADVANTECH-PCA-6742LV-00A1E Datasheet
324Kb / 2P
   ISA half-sized SBC, Advantech EVA-X4300, VGA/LCD/LAN/CFC/USB and PC104
PCA-6742LV-00A1E ADVANTECH-PCA-6742LV-00A1E Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
PCA-6742LV-00A1E ADVANTECH-PCA-6742LV-00A1E Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
PCA-6742VE-00A1E ADVANTECH-PCA-6742VE-00A1E Datasheet
324Kb / 2P
   ISA half-sized SBC, Advantech EVA-X4300, VGA/LCD/LAN/CFC/USB and PC104
More results

Similar Description - PCA-6775F-L0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9377 ADVANTECH-PCM-9377 Datasheet
1Mb / 3P
   3.5" SBC with VIA Mark, VGA/ LCD/ LVDS/ LAN/ USB
PCA-6743VE-Q0A2E ADVANTECH-PCA-6743VE-Q0A2E Datasheet
538Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL or LVDS/ LAN/ USB/ PC/104/ CFC/ COM
PCA-6743F-L0A2E ADVANTECH-PCA-6743F-L0A2E Datasheet
538Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL or LVDS/ LAN/ USB/ PC/104/ CFC/ COM
PCA-6743 ADVANTECH-PCA-6743 Datasheet
368Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL/ LAN/ USB/ PC/104/ CFC/ COM
PCA-6781 ADVANTECH-PCA-6781 Datasheet
1Mb / 2P
   ISA Half-sized SBC, ULV Celeron짰 M, VGA/LVDS/LAN/CFC/USB 2.0
PCI-6886 ADVANTECH-PCI-6886 Datasheet
370Kb / 2P
   Intel짰 Celeron짰 M PCI Half-sized SBC with VGA/LVDS/LAN/USB 2.0/SATA and SSD
PCA-6742 ADVANTECH-PCA-6742_11 Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
PCA-6742VE-00A1E ADVANTECH-PCA-6742VE-00A1E Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
PCM-9361 ADVANTECH-PCM-9361 Datasheet
1Mb / 3P
   3.5" Biscuit with Intel짰 Atom N270/VGA, LVDS, TTL, LAN, USB, SATA, SSD
PCI-6873 ADVANTECH-PCI-6873 Datasheet
395Kb / 2P
   AMD Geode??LX800 PCI Half-sized SBC with VGA/LCD/LVDS/LAN/SATA and SSD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com